Electronic Components Datasheet Search
  English  ▼

X  

LT7101 Datasheet(PDF) 29 Page - Analog Devices

Part # LT7101
Description  105V, 1A Low EMI Synchronous Step-Down Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7101 Datasheet(HTML) 29 Page - Analog Devices

Back Button LT7101 Datasheet HTML 25Page - Analog Devices LT7101 Datasheet HTML 26Page - Analog Devices LT7101 Datasheet HTML 27Page - Analog Devices LT7101 Datasheet HTML 28Page - Analog Devices LT7101 Datasheet HTML 29Page - Analog Devices LT7101 Datasheet HTML 30Page - Analog Devices LT7101 Datasheet HTML 31Page - Analog Devices LT7101 Datasheet HTML 32Page - Analog Devices LT7101 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
LT7101
29
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
When observing the response of VOUT to a load step, the
initial output voltage step may not be within the bandwidth
of the feedback loop. As a result, the standard second
order overshoot/DC ratio cannot be used to estimate
phase margin. The output voltage settling behavior is
related to the stability of the closed-loop system and will
demonstrate the actual overall supply performance. For
a detailed explanation of optimizing the compensation
components, including a review of control loop theory,
refer to Analog Devices Application Note 76.
In some applications, severe transients can be caused
by switching in loads with large (>1μF) supply bypass
capacitors. The discharged input capacitors are effectively
put in parallel with COUT, causing a rapid drop in VOUT.
No regulator can deliver enough current to prevent this
output droop if the switch connecting the load has low
resistance and is driven quickly. The solution is to limit
the turn-on speed of the load switch driver. A Hot Swap™
controller is designed specifically for this purpose and
usually incorporates current limit, short-circuit protection
and soft-start functions.
Average Output Current Limit and Monitor
The LT7101 contains a fast and accurate average cur-
rent limit that can be externally controlled and monitored.
This fast current loop is useful in applications such as the
charging of batteries and capacitors or current program-
ming in LEDs and laser diodes. The average output current
limit is set using the ICTRL pin. The voltage on the ICTRL
pin sets the average output current limit according to:
ILIM(AVG) =
VICTRL – 0.4
0.811
This allows for the average current limit to be set anywhere
between 0A and 1.11A by adjusting the ICTRL voltage from
0.4V to 1.3V. If the ICTRL voltage is less than 0.4V, it will
be internally limited to 0.4V, so that the average output
current cannot be set to a negative value. Likewise, the
ICTRL voltage is internally limited to 1.3V if the ICTRL pin
is floated or tied to a voltage greater than 1.3V.
An internal 20μA pull-up on this pin allows a single resis-
tor to SGND to be used to set the voltage. To program
a particular fixed average output current limit ILIM(AVG),
chose a resistor according to:
RICTRL =
0.811•ILIM(AVG)+ 0.4
20µA
Since the LT7101 uses average current mode control with
a high speed inner current loop, there are no stability
concerns when operating in constant current mode. In
addition, the LT7101 automatically optimizes the cur-
rent loop based on switching frequency and operating
condition. The unity-gain bandwidth of the average cur-
rent loop is maintained at approximately 1/3 of the switch-
ing frequency. This enables the LT7101 to respond to
changes in the ITH pin voltage on a nearly cycle-by-cycle
basis. This is orders of magnitude faster than competing
solutions, where a slow, average current loop is placed
outside of the voltage regulation loop.
When operating in constant current mode with a low volt-
age on ICTRL, the inductor current will become discontinu-
ous. In this situation, the LT7101 average current loop
maintains good output current programming accuracy
down to no load.
The average output current can be monitored at the IMON
pin. This pin generates a voltage that represents a filtered
version (fC = 10kHz) of the internally sensed inductor cur-
rent. The DC voltage on IMON normally varies between
0.4V and 1.3V, corresponding to an average output cur-
rent between 0A and 1.11A according to:
VIMON = 0.811 • IOUT(AVG) + 0.4
The IMON voltage may momentarily be less than 0.4V or
greater than 1.3V, but eventually is limited to these levels
by the average current loop. During SLEEP, this pin is held
at 0.4V. To ensure stability of the internal IMON buffer,
place a 2k or higher resistor in series with any capacitive
load that is greater than 100pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com