Electronic Components Datasheet Search
  English  ▼

X  

LT7101 Datasheet(PDF) 7 Page - Analog Devices

Part # LT7101
Description  105V, 1A Low EMI Synchronous Step-Down Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7101 Datasheet(HTML) 7 Page - Analog Devices

Back Button LT7101 Datasheet HTML 3Page - Analog Devices LT7101 Datasheet HTML 4Page - Analog Devices LT7101 Datasheet HTML 5Page - Analog Devices LT7101 Datasheet HTML 6Page - Analog Devices LT7101 Datasheet HTML 7Page - Analog Devices LT7101 Datasheet HTML 8Page - Analog Devices LT7101 Datasheet HTML 9Page - Analog Devices LT7101 Datasheet HTML 10Page - Analog Devices LT7101 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
LT7101
7
Rev. 0
For more information www.analog.com
Quiescent Input Current vs Input
Voltage
VIN Quiescent Current vs
Temperature
Inductor Current at Light Load
Top and Bottom Switch
Resistance vs Temperature
Minimum On-Time vs
Temperature
Oscillator Frequency vs
Temperature
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
TOP SWITCH
BOTTOM SWITCH
TEMPERATURE (°C)
–55 –25
5
35
65
95
125 155
150
300
450
600
750
900
1050
1200
1350
7101 G19
TEMPERATURE (°C)
–55 –25
5
35
65
95
125 155
25
30
35
40
45
50
7101 G20
FREQ = GND (300kHz)
FREQ = 12.5k (200kHz)
FREQ = 57.5k (2MHz)
FREQ = INTVCC (1MHz)
TEMPERATURE (°C)
–55 –25
5
35
65
95
125 155
–3
–2
–1
0
1
2
3
7101 G21
SLEEP, EXTVCC = GND
SHUTDOWN
VIN VOLTAGE (V)
0
15
30
45
60
75
90
105
0.0
2.0
4.0
6.0
8.0
10.0
7101 G22
SLEEP
SHUTDOWN
EXTVCC = GND
VIN = 100V
TEMPERATURE (°C)
–55 –25
5
35
65
95
125 155
0
5
10
15
20
25
7101 G23
VIN = 48V
ILOAD = 200µA
FIGURE 14 CIRCUIT
10µs/DIV
BURST MODE
500mA/DIV
PULSE–SKIPPING
MODE
500mA/DIV
FORCED
CONTINUOUS
MODE
500mA/DIV
7101 G24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com