Electronic Components Datasheet Search
  English  ▼

X  

LT7101 Datasheet(PDF) 17 Page - Analog Devices

Part # LT7101
Description  105V, 1A Low EMI Synchronous Step-Down Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7101 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT7101 Datasheet HTML 13Page - Analog Devices LT7101 Datasheet HTML 14Page - Analog Devices LT7101 Datasheet HTML 15Page - Analog Devices LT7101 Datasheet HTML 16Page - Analog Devices LT7101 Datasheet HTML 17Page - Analog Devices LT7101 Datasheet HTML 18Page - Analog Devices LT7101 Datasheet HTML 19Page - Analog Devices LT7101 Datasheet HTML 20Page - Analog Devices LT7101 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
LT7101
17
Rev. 0
For more information www.analog.com
Boost Supply and Dropout Operation
By making use of an internal charge pump, the LT7101
is capable of operating at 100% duty cycle, providing the
lowest possible dropout voltage and zero switching noise
while in dropout. This charge pump delivers the small
current required to maintain the static gate voltage on
the top MOSFET switch when operating in dropout. When
not operating in dropout, the gate drive voltage required
for switching the top MOSFET switch is supplied by the
charge pump formed by the BOOST capacitor (CBST),
the bottom MOSFET switch, and an internal switch from
INTVCC to BOOST. As dropout is approached, the on-time
of the bottom MOSFET switch is lengthened as needed
to maintain an adequate supply to the floating gate driver
between BOOST and SW.
Power Good (PGOOD Pin)
The PGOOD pin is connected to the open drain of an inter-
nal N-channel MOSFET. The MOSFET turns on and pulls
the PGOOD pin low when the internal feedback voltage
(VFBI) is not within ±10% of the 1V reference voltage. The
PGOOD pin is also pulled low when the RUN pin is low
(shutdown). When VFBI is within the ±10% requirement,
the MOSFET is turned off and the pin is allowed to be
pulled up by an external resistor to a source no greater
than 16V. There is a 24μs delay (TPG) before the PGOOD
pin goes low in response to the VFBI voltage going outside
of the ±10% window.
Overtemperature and Overvoltage Protection
In addition to the OVLO pin, which provides a user-
adjustable protection against VIN overvoltage, the LT7101
contains an internal VIN overvoltage shutdown feature. If
the VIN pin voltage exceeds 118.5V rising (112V falling),
then the top and bottom MOSFETs are held off and all
switching stops. Likewise, if the internal die temperature
exceeds 171°C rising (155°C falling), then the LT7101
disables switching until the temperature drops. Note that
the internal overvoltage and overtemperature protection
features are activated outside of the absolute maximum
range of operation, and therefore should not be relied
upon operationally. These features are only intended as
a secondary failsafe to improve overall system reliability
and safety.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com