Electronic Components Datasheet Search
  English  ▼

X  

LT7101 Datasheet(PDF) 3 Page - Analog Devices

Part # LT7101
Description  105V, 1A Low EMI Synchronous Step-Down Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7101 Datasheet(HTML) 3 Page - Analog Devices

  LT7101 Datasheet HTML 1Page - Analog Devices LT7101 Datasheet HTML 2Page - Analog Devices LT7101 Datasheet HTML 3Page - Analog Devices LT7101 Datasheet HTML 4Page - Analog Devices LT7101 Datasheet HTML 5Page - Analog Devices LT7101 Datasheet HTML 6Page - Analog Devices LT7101 Datasheet HTML 7Page - Analog Devices LT7101 Datasheet HTML 8Page - Analog Devices LT7101 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
LT7101
3
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Regulator and Voltage Loop
VIN
Operating Input Voltage Range
4.4
105
V
VIN(UVLO)
VIN Undervoltage Lockout
VIN Rising
VIN Falling
l
l
4.36
4.11
4.50
4.25
4.64
4.39
V
V
VOUT
Operating Output Voltage Range
(Note 9)
1.0
105
V
IQ
VIN Input DC Supply Current
(Note 8)
Pulse-Skipping Mode
VFB = 1.04V, EXTVCC = 3.3V
VFB = 1.04V, EXTVCC = 0V
200
4.4
µA
mA
Sleep Mode
VFB = 1.04V, EXTVCC = 3.3V
VFB = 1.04V, EXTVCC = 0V
1.0
9.0
µA
µA
Shutdown
RUN = 0V
0.7
1.5
µA
VIN Input Current In Regulation
Figure 14 Circuit, VIN = 48V, IOUT = 500μA
Figure 16 Circuit, VIN = 48V, IOUT = 0μA
64
2
75
µA
µA
VFB
Regulated Feedback Voltage
(Note 5)
ITH Voltage = 0.5V to 1.2V, VIN = 4.5V to 105V
VPRG1 = VPRG2 = FLOAT
VPRG1 = VPRG2 = INTVCC
VPRG1 = FLOAT, VPRG2 = INTVCC
VPRG1 = VPRG2 = SGND
VPRG1 = SGND, VPRG2 = FLOAT
VPRG1 = SGND, VPRG2 = INTVCC
VPRG1 = FLOAT, VPRG2 = SGND
VPRG1 = INTVCC, VPRG2 = FLOAT
VPRG1 = INTVCC, VPRG2 = SGND
l
l
l
l
l
l
l
l
l
0.990
1.182
1.770
2.455
3.234
3.528
4.900
11.75
14.70
1.000
1.200
1.800
2.500
3.300
3.600
5.000
12.00
15.00
1.010
1.218
1.827
2.537
3.350
3.654
5.075
12.24
15.30
V
V
V
V
V
V
V
V
V
Feedback Input Bias Current
VPRG1 = VPRG2 = FLOAT
VPRG1 or VPRG2 Tied to SGND or INTVCC
±2
1.25
±10
1.6
nA
µA
gm
Error Amplifier gm
ITH = 1V, Sink/Source = 5µA (Note 5)
1.52
mS
tON,MIN
Minimum Controllable ON-Time
(Note 7)
l
35
55
ns
RDS(ON)TOP Top Switch On-Resistance
580
mΩ
RDS(ON)BOT Bottom Switch On-Resistance
300
mΩ
Current Control and Monitoring
ILIM(AVG)
Average Output Current Limit
(Note 6)
ICTRL = FLOAT
ICTRL = 0.58V
1.00
0.16
1.11
0.22
1.21
0.28
A
A
IPK
Top Switch Peak Current Limit
ICTRL = FLOAT
ICTRL = 0.58V
l
l
1.43
0.63
1.64
0.75
1.85
0.87
A
A
VIMON
Current Monitor Output Voltage
(Note 6)
ISW = 1.0A
ISW = 0.25A
1.13
0.552
1.21
0.603
1.29
0.654
V
V
ICTRL Pin Pull-Up Current
VICTRL = 0.5V
l
18
20
22
µA
Start-Up and Shutdown
ISS
Soft-Start Charge Current
SS = 0V
l
8
11
15
µA
tSS(INT)
Internal Soft-Start Ramp Time
SS = FLOAT
1.2
ms
VFB(OV)
Feedback Overvoltage Protection
Relative to Regulated VFB
7
10
13
%
VRUN(ON)
RUN Pin ON Threshold
VRUN Rising
VRUN Falling
l
l
1.16
1.06
1.21
1.11
1.26
1.16
V
V
RUN Pin Hysteresis
100
mV
RUN Pin Leakage Current
RUN = 1.5V
–10
0
10
nA
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C. (Note 2) VIN = 12V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com