Electronic Components Datasheet Search
  English  ▼

X  

LT7101 Datasheet(PDF) 8 Page - Analog Devices

Part # LT7101
Description  105V, 1A Low EMI Synchronous Step-Down Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7101 Datasheet(HTML) 8 Page - Analog Devices

Back Button LT7101 Datasheet HTML 4Page - Analog Devices LT7101 Datasheet HTML 5Page - Analog Devices LT7101 Datasheet HTML 6Page - Analog Devices LT7101 Datasheet HTML 7Page - Analog Devices LT7101 Datasheet HTML 8Page - Analog Devices LT7101 Datasheet HTML 9Page - Analog Devices LT7101 Datasheet HTML 10Page - Analog Devices LT7101 Datasheet HTML 11Page - Analog Devices LT7101 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
LT7101
8
Rev. 0
For more information www.analog.com
Output Current Programming
Current Loop Step Response
ICTRL Voltage to Inductor Current
Gain vs Frequency
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
VICTRL = 0.76V TO 1.12V PULSE
VIN = 48V, VOUT = 4V
FIGURE 14 CIRCUIT
40µs/DIV
VICTRL
500mV/DIV
IL
250mA/DIV
7101 G32
VIN = 24V
VOUT = 4V
RICTRL = 40.2k
IOUT(AVG) = 500mA
fSW = 300kHz
FIGURE 14 CIRCUIT
BW = 93kHz
FREQUENCY (kHz)
0.1
1
10
100 300
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
7101 G33
Synchronization to External Clock
SW Node Waveform at Full Load
Start-Up from Shutdown
Short-Circuit and Recovery
VIN = 48V
Burst Mode OPERATION
FIGURE 14 CIRCUIT
200µs/DIV
VOUT
2V/DIV
IL
500mA/DIV
VRUN
5V/DIV
7101 G30
VIN = 48V
PULSE–SKIPPING MODE
FIGURE 14 CIRCUIT
100µs/DIV
VOUT
2V/DIV
IL
500mA/DIV
7101 G31
VIN = 48V
ILOAD = 500mA
FIGURE 14 CIRCUIT
15µs/DIV
VSW
20V/DIV
EXTERNAL
CLOCK ON
PLLIN/MODE
1V/DIV
7101 G29
VIN = 48V
ILOAD = 1A
FIGURE 14 CIRCUIT
50ns/DIV
VSW
10V/DIV
7101 G28
Load Step Burst Mode Operation
Load Step Pulse-Skipping Mode
Load Step Forced Continuous
Mode
LOAD STEP = 50mA TO 500mA
VIN = 48V
FIGURE 14 CIRCUIT
40µs/DIV
VOUT
100mV/DIV
IL
500mA/DIV
7101 G25
LOAD STEP = 50mA TO 500mA
VIN = 48V
FIGURE 14 CIRCUIT
40µs/DIV
VOUT
100mV/DIV
IL
500mA/DIV
7101 G26
LOAD STEP = 50mA TO 500mA
VIN = 48V
FIGURE 14 CIRCUIT
40µs/DIV
VOUT
100mV/DIV
IL
500mA/DIV
7101 G27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com