Electronic Components Datasheet Search
  English  ▼

X  

LT7101 Datasheet(PDF) 1 Page - Analog Devices

Part # LT7101
Description  105V, 1A Low EMI Synchronous Step-Down Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7101 Datasheet(HTML) 1 Page - Analog Devices

  LT7101 Datasheet HTML 1Page - Analog Devices LT7101 Datasheet HTML 2Page - Analog Devices LT7101 Datasheet HTML 3Page - Analog Devices LT7101 Datasheet HTML 4Page - Analog Devices LT7101 Datasheet HTML 5Page - Analog Devices LT7101 Datasheet HTML 6Page - Analog Devices LT7101 Datasheet HTML 7Page - Analog Devices LT7101 Datasheet HTML 8Page - Analog Devices LT7101 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
LT7101
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
105V, 1A Low EMI
Synchronous Step-Down Regulator
with Fast Current Programming
The LT®7101 is a high efficiency, monolithic synchro-
nous step-down DC/DC converter utilizing a constant
frequency, average current mode control architecture. It
operates from an input voltage range of 4.4V to 105V and
provides an adjustable regulated output voltage from 1V
to VIN while delivering up to 1A of output current.
The LT7101 features high frequency operation and a low
minimum on-time that reduce inductor size and enable
constant-frequency operation even at very high step-
down ratios. In addition, the LT7101 achieves the lowest
possible dropout voltage with 100% maximum duty cycle
operation. During light load operation, converter efficiency
and output ripple can be optimized by selecting Burst
Mode, pulse-skipping or forced continuous operation.
The LT7101 includes accurate, high speed average cur-
rent programming and monitoring without the need for
an external sense resistor. Additional features include a
bypass LDO to maximize efficiency, fixed or adjustable
output voltage and loop compensation, and a wide array
of protection features to enhance reliability.
5V to 105V Input to 5V/1A Output Step-Down Regulator
Efficiency vs Load Current
APPLICATIONS
n
Wide VIN Range: 4.4V to 105V (110V Abs Max)
n
Ultralow EMI/EMC Emissions: CISPR 25 Compliant
n
2µA IQ When Regulating 48VIN to 3.3VOUT
n
Fast and Accurate Output Current Programming and
Monitoring with No External RSENSE
n
Brick Wall Current Limit
n
Low Minimum On-Time: 35ns
n
Wide VOUT Range: 1V to VIN
n
100% Maximum Duty Cycle Operation
n
Programmable Fixed Frequency: 200kHz to 2MHz
n
Eight, Pin-Selectable Fixed (1.2V to 15V) or
Adjustable Output Voltages
n
Selectable Continuous, Pulse-Skipping, or Low
Ripple Burst Mode® Operation at Light Loads
n
PLL Synchronization to External Clock
n
EXTVCC LDO Powers Chip from VOUT = 3.3V to 40V
n
OPTI-LOOP® or Fixed Internal Compensation
n
Input and Output Overvoltage Protection
n
Thermally Enhanced (5mm × 6mm) QFN Package
All registered trademarks and trademarks are the property of their respective owners.
n
Battery Chargers and CC/CV Supplies
n
Automotive and Military Systems
n
Industrial, Avionics and Heavy Equipment
n
Medical Instruments and Telecommunication
Systems
7101 TA01a
VFB
EXTVCC
VPRG2
FREQ
BOOST
SW
VIN
RUN
ICTRL
IMON
CURRENT
MONITOR
4.7µF
1µF
VOUT
5V
1A
VIN
5V TO 105V
OVLO
PLLIN/MODE
LT7101
INTVCC
ITH
PGND
SGND
47µF
0.1µF
47µH
LOAD CURRENT (mA)
0.1
1
10
100
1000
50
55
60
65
70
75
80
85
90
95
100
7101 TA01b
VIN = 12V
VIN = 24V
VIN = 48V
VIN = 72V
fSW = 300kHz
FIGURE 14 CIRCUIT


Similar Part No. - LT7101

ManufacturerPart #DatasheetDescription
logo
LETEX TECHNOLOGY CORP.
LT710 LETEX-LT710 Datasheet
161Kb / 4P
Photo DMOS-FET Relay
More results

Similar Description - LT7101

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8030 RICHTEK-RT8030 Datasheet
136Kb / 11P
1A, 2.2MHz, Synchronous Step-Down Regulator
logo
Global Mixed-mode Techn...
G5695 GMT-G5695 Datasheet
79Kb / 1P
1.4MHz 1A Synchronous Step-Down Regulator
G5728B GMT-G5728B Datasheet
185Kb / 2P
1.4MHz 1A Synchronous Step-Down Regulator
G5728 GMT-G5728 Datasheet
77Kb / 1P
1MHz 1A Synchronous Step-Down Regulator
G5725 GMT-G5725 Datasheet
151Kb / 2P
1MHz 1A Synchronous Step-Down Regulator
G5699 GMT-G5699 Datasheet
100Kb / 1P
Dual 1.4MHz, 1A Synchronous Step-Down Regulator
logo
Linear Technology
LT8631 LINER-LT8631 Datasheet
569Kb / 24P
100V, 1A Synchronous Micropower Step-Down Regulator
logo
Feeling Technology Corp...
FP6161 FEELING-FP6161 Datasheet
436Kb / 16P
1.5MHz, 1A Synchronous Step-Down Regulator
FP6166 FEELING-FP6166 Datasheet
473Kb / 19P
Dual 1.5MHz, 1A Synchronous Step-Down Regulator
FP6167 FEELING-FP6167 Datasheet
377Kb / 14P
Dual 1.5MHz, 1A Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com