Electronic Components Datasheet Search
  English  ▼

X  

LT7101 Datasheet(PDF) 23 Page - Analog Devices

Part # LT7101
Description  105V, 1A Low EMI Synchronous Step-Down Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7101 Datasheet(HTML) 23 Page - Analog Devices

Back Button LT7101 Datasheet HTML 19Page - Analog Devices LT7101 Datasheet HTML 20Page - Analog Devices LT7101 Datasheet HTML 21Page - Analog Devices LT7101 Datasheet HTML 22Page - Analog Devices LT7101 Datasheet HTML 23Page - Analog Devices LT7101 Datasheet HTML 24Page - Analog Devices LT7101 Datasheet HTML 25Page - Analog Devices LT7101 Datasheet HTML 26Page - Analog Devices LT7101 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
LT7101
23
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
INTVCC that is at least 10x greater than the capacitor CBST
from BOOST to SW:
CVCC > 10 • CBST
Be careful to account for the voltage coefficient of ceramic
capacitors when choosing the value and case size. Many
ceramic capacitors lose 50% or more of their rated value
when used near their rated voltage.
For high VIN applications it is advantageous to tie EXTVCC
to VOUT (bootstrapping), as this will improve efficiency
and reduce power dissipation in the VIN LDO. This can
be done with any VOUT voltage between 3.3V and 40V.
Alternatively, the EXTVCC pin can be tied to any DC voltage
between 3.3V and 40V that is capable of delivering the
required INTVCC bias current, which varies with switch-
ing frequency and operating mode. At full-load operation,
which is the worst case, the INTVCC bias current is given
approximately by:
IINTVCC = 3.5mA+1nC 4+
VIN
31
⎛
⎝⎜
⎞
⎠⎟ • f
When EXTVCC is not present, the LDO timeout feature lim-
its the junction temperature rise due to the VIN LDO power
dissipation. See Soft-Start and LDO Regulator Timeout
section for more information.
The following list summarizes the four possible connec-
tions for EXTVCC:
1. EXTVCC left open (or grounded). This will cause
INTVCC to be powered from the VIN LDO resulting in an
efficiency penalty at high input voltages.
2. EXTVCC connected directly to the output voltage VOUT.
This is the normal connection for a 3.3V to 40V regula-
tor and provides the highest efficiency.
3. EXTVCC connected to an external supply. If an external
supply is available in the 3.3V to 40V range, it may
be used to power EXTVCC providing it can supply the
required INTVCC current. Operating with EXTVCC > VIN
is allowed.
4. EXTVCC connected to an output-derived boost or
charge-pump network. For 2.5V and other low voltage
buck regulators, efficiency gains can still be realized by
connecting EXTVCC to an output-derived voltage that
has been boosted to greater than 3.05V.
Most applications will simply tie EXTVCC to VOUT for
high efficiency bootstrapping. In this configuration, with
Burst Mode operation selected, the no-load VIN current
in regulation can be calculated using:
IVIN = 1µA +
VOUT
0.8 • VIN
•
VOUT
RD
+
VOUT
6MΩ
+ 8µA
⎛
⎝⎜
⎞
⎠⎟
where RD is the total resistance of the feedback resistive
divider from VOUT to GND. In fixed output voltage mode,
where VOUT is programmed using VPRG1 and VPRG2, use
RD = VOUT/1.25µA. For adjustable VOUT mode (Figure 5),
use RD = R1 +R2.
Topside MOSFET Driver Supply (CBST)
The boost capacitor, CBST, on the Functional Diagram
is used to create a voltage rail above the applied input
voltage, VIN. Specifically, the boost capacitor is charged
through an internal MOSFET switch to a voltage equal
to approximately INTVCC each time the bottom power
MOSFET is turned on. The charge on this capacitor is then
used to supply the required current during the remainder
of the switching cycle. When the top MOSFET is turned
on, the BOOST pin voltage will be equal to approximately
VIN + 3.5V. For most applications a 0.1μF, X7R ceramic
capacitor will provide adequate performance.
The LT7101 also contains an internal charge pump that
supplies a small amount of current to the BOOST pin to
allow for continuous operation at 100% duty cycle. This
charge pump is adequate to support internal biasing
needs and to keep the top MOSFET fully enhanced. Note
that the total external leakage on the BOOST pin (includ-
ing the CBST capacitor leakage) must be less than 4µA to
ensure continuous operation at 100% duty cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com