Electronic Components Datasheet Search
  English  ▼

X  

LT7101 Datasheet(PDF) 19 Page - Analog Devices

Part # LT7101
Description  105V, 1A Low EMI Synchronous Step-Down Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7101 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT7101 Datasheet HTML 15Page - Analog Devices LT7101 Datasheet HTML 16Page - Analog Devices LT7101 Datasheet HTML 17Page - Analog Devices LT7101 Datasheet HTML 18Page - Analog Devices LT7101 Datasheet HTML 19Page - Analog Devices LT7101 Datasheet HTML 20Page - Analog Devices LT7101 Datasheet HTML 21Page - Analog Devices LT7101 Datasheet HTML 22Page - Analog Devices LT7101 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
LT7101
19
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
A phase-locked loop (PLL) is also available on the LT7101
to synchronize the internal oscillator to an external clock
source that is connected to the PLLIN/MODE pin. Once
synchronized, the turn-on of the top MOSFET is aligned
to the rising edge of the synchronizing signal. See Phase-
Locked Loop and Frequency Synchronization section
for details.
Setting the Light-Load Operating Mode
The LT7101 can be set to enter high efficiency Burst Mode
operation, constant frequency pulse-skipping mode or
forced continuous conduction mode at light load currents.
To select Burst Mode operation, tie the PLLIN/MODE pin
to ground. To select forced continuous operation, tie the
PLLIN/MODE pin to INTVCC. To select pulse-skipping
mode, tie the PLLIN/MODE pin to INTVCC through a 100k
resistor. When synchronized, the LT7101 operates in
forced continuous mode. Table 2 summarizes the use of
the PLLIN/MODE pin to select light-load operating mode.
Table 2. Mode Selection
PLLIN/MODE PIN
LIGHT-LOAD OPERATING MODE
SGND
Burst Mode Operation
INTVCC
Forced Continuous Mode
R = 100k to INTVCC
Pulse-Skipping Mode
External Clock
Forced Continuous Mode
In general, the requirements of each application will dic-
tate the appropriate choice for light-load operating mode.
In Burst Mode operation, the inductor current is not
allowed to reverse. The reverse current comparator turns
off the bottom MOSFET just before the inductor current
reaches zero, preventing it from reversing and going
negative. Thus, the converter operates in discontinuous
operation. In addition, when the average output current
falls below approximately 100mA, the inductor current
will begin bursting at frequencies lower than the switching
frequency, and entering a low current SLEEP mode when
not switching. As a result, Burst Mode operation has the
highest possible efficiency at light loads.
In forced continuous mode, the inductor current is
allowed to reverse at light loads and switches at the same
frequency regardless of load. In this mode, the efficiency
at light loads is considerably lower than in Burst Mode
operation. However, continuous operation has the advan-
tage of lower output voltage ripple and less interference
to audio circuitry. in forced continuous mode, the output
ripple is independent or load current.
In pulse-skipping mode, constant frequency operation
is maintained down to approximately 1% of designed
maximum output current. At very light loads, the PWM
comparator may remain tripped for several cycles and
force the top MOSFET to stay off for the same number of
cycles (i.e., skipping pulses). The inductor current is not
allowed to reverse (discontinuous operation). This mode,
like forced continuous operation, exhibits low output rip-
ple as well as low audio noise and reduced RF interference
as compared to Burst Mode operation. It provides higher
low current efficiency than forced continuous mode, but
not nearly as high as Burst Mode operation. Consequently,
pulse-skipping mode represents a compromise between
light load efficiency, output ripple and EMI.
In some applications, it may be desirable to change light-
load operating mode based on the conditions present in
the system. For example, if a system is inactive, one might
select high efficiency Burst Mode operation by keeping the
PLLIN/MODE pin set to 0V. When the system wakes, one
might send an external clock to PLLIN/MODE to switch to
forced continuous mode. Such on-the-fly mode changes
can allow an individual application to benefit from the
advantages of each light-load operating mode.
Inductor Value Selection
For a given input and output voltage, the inductor value
and operating frequency determine the inductor ripple
current. More specifically, the inductor ripple current
decreases with higher inductor value or higher operating
frequency according to the following equation:
∆IL =
VOUT
f •L
⎛
⎝⎜
⎞
⎠⎟
1–
VOUT
VIN
⎛
⎝⎜
⎞
⎠⎟
For proper operation, always use an inductor value that
is greater than:
LMIN > 520nH • VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com