Electronic Components Datasheet Search
  English  ▼

X  

LT7101 Datasheet(PDF) 20 Page - Analog Devices

Part # LT7101
Description  105V, 1A Low EMI Synchronous Step-Down Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7101 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT7101 Datasheet HTML 16Page - Analog Devices LT7101 Datasheet HTML 17Page - Analog Devices LT7101 Datasheet HTML 18Page - Analog Devices LT7101 Datasheet HTML 19Page - Analog Devices LT7101 Datasheet HTML 20Page - Analog Devices LT7101 Datasheet HTML 21Page - Analog Devices LT7101 Datasheet HTML 22Page - Analog Devices LT7101 Datasheet HTML 23Page - Analog Devices LT7101 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
LT7101
20
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Note that in applications with VOUT > 6V, additional con-
straints on the inductance value may also apply. See
Operating at VOUT > 6V section for more information.
A trade-off between component size, efficiency and oper-
ating frequency can be seen from this equation. Accepting
larger values of ΔIL allows the use of lower value induc-
tors, but results in greater core loss in the inductor, greater
ESR loss in the output capacitor, and larger output ripple.
Generally, highest efficiency operation is obtained at low
operating frequency with small ripple current.
A reasonable starting point for setting the ripple current
is approximately 0.35AP-P. Note that the largest ripple
current occurs at the highest VIN. To guarantee the ripple
current does not exceed a specified maximum, the induc-
tance should be chosen according to:
L =
VOUT
f • ΔIL(MAX)
⎛
⎝⎜
⎞
⎠⎟
1–
VOUT
VIN(MAX)
⎛
⎝⎜
⎞
⎠⎟
The LT7101 contains a fast, average current limit loop
that limits the DC output current to a value determined by
the voltage on the ICTRL pin. (See Average Output Current
Limit and Monitor section for details.) However, some
applications may experience inductor current transients
that are limited by the peak current limit comparator,
which tracks nominally 0.53A above the average current
limit set point. To avoid saturation, choose an inductor
with a saturation current ISAT such that:
ISAT >
VICTRL – 0.4
0.77
+ 0.68A
This enables the use of an inductor with a current rating
that fits the needs of a given application. If the average
output current limit is set to the default value of 1.11A,
then an inductor with ISAT > 1.9A is required. However, if
the average current limit is set to 0.6A (VICTRL = 0.89V),
then an inductor with ISAT > 1.4A may be used. Note that
if there is a varying voltage on the ICTRL pin, always use
the highest value present on ICTRL when calculating the
required inductor saturation current. See Average Output
Current Limit and Monitor section for details on setting
the average current limit.
If fixed VOUT operation is selected using the VPRG1 and
VPRG2 pins, the RIND pin can be left floating, but only if
the inductance value is chosen according to Table 3. Since
the RIND pin resistor indicates the inductance value being
used, the LT7101 will automatically assume an inductance
value as shown in Table 3 when this pin is left floating.
These inductance values will provide an inductor ripple
current that is approximately 30% to 40% of the full load
current. If the nominal value of the inductance used differs
by more than 10% from the values specified in Table 3,
a resistor must be placed on the RIND pin to indicate this
value.
Table 3. Required Inductor Values with RIND Pin Floating
FIXED VOUT
REQUIRED INDUCTANCE VALUE (RIND = FLOAT)
f = 300kHz
f = 1MHz
f = ADJ
1.2V
10μH
3.3µH
L = 3.1/f
1.8V
15µH
4.7µH
L = 4.6/f
2.5V
22µH
6.8µH
L = 6.7/f
3.3V
33µH
10µH
L = 9.9/f
3.6V
33µH
10µH
L = 9.9/f
5V
47µH
15µH
L = 14.6/f
12V
100µH
33µH
L = 31.5/f
15V
100µH
33µH
L = 31.5/f
Inductor Core Selection
Once the value for L is known, the type of inductor must be
selected. Actual core loss is independent of core size for a
fixed inductor value but is very dependent on the induc-
tance selected. As the inductance increases, core loss
decreases. Unfortunately, increased inductance requires
more turns of wire leading to increased copper loss.
Ferrite designs exhibit very low core loss and are pre-
ferred at high switching frequencies, so design goals can
concentrate on copper loss and preventing saturation.
Ferrite core materials saturate hard, meaning the induc-
tance collapses abruptly when the peak design current is
exceeded. This collapse will result in an abrupt increase
in inductor ripple current, so it is important to ensure the
core will not saturate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com