Electronic Components Datasheet Search
  English  ▼

X  

9863 Datasheet(PDF) 9 Page - Intel Corporation

Part # 9863
Description  Advanced 10/100 Umnmanaged Repeater
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9863 Datasheet(HTML) 9 Page - Intel Corporation

Back Button 9863 Datasheet HTML 5Page - Intel Corporation 9863 Datasheet HTML 6Page - Intel Corporation 9863 Datasheet HTML 7Page - Intel Corporation 9863 Datasheet HTML 8Page - Intel Corporation 9863 Datasheet HTML 9Page - Intel Corporation 9863 Datasheet HTML 10Page - Intel Corporation 9863 Datasheet HTML 11Page - Intel Corporation 9863 Datasheet HTML 12Page - Intel Corporation 9863 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
Advanced 10/100 Unmanaged Repeater — LXT9883/9863
Datasheet
9
Document #: 249115
Revision #: 003
Rev. Date: 08/07/01
Table 1.
MII #1 Signal Descriptions
Pin
Symbol
Type
1, 2
Description
9
MII1_SPD
I
PU
Speed Select - MII 1. This signal is sensed at power up, hardware reset, and
software reset. Selects operating speed of the respective MII (MAC) interface.
High = 100 Mbps. Low = 10 Mbps.
31
32
34
35
MII1_RXD0
MII1_RXD1
MII1_RXD2
MII1_RXD3
O
Receive Data - MII 1. The LXT98x3 transmits received data to the controller on these
outputs. Data is driven on the falling edge of MII1_RXCLK.
30
MII1_RXDV
O
Receive Data Valid - MII 1. Active High signal, synchronous to MII1_RXCLK,
indicates valid data on MII1_RXD<3:0>.
29
MII1_RXCLK
O
Receive Clock - MII 1. MII receive clock for expansion port. This is a 2.5 or 25 MHz
clock derived from the CLK25 input (refer to Table 7 on page 16).
26
MII1_RXER
O
Receive Error - MII 1. Active High signal, synchronous to MII1_RXCLK, indicates
invalid data on MII1_RXD<3:0>.
24
MII1_TXER
I
Transmit Error - MII 1. MII1_TXER is a 100M-only signal. The MAC asserts this
input when an error has occurred in the transmit data stream. The LXT98x3 responds
by sending ‘Invalid Code Symbols’ on the line.
23
MII1_TXCLK
O
Transmit Clock - MII 1. This is a 2.5 or 25 MHz clock derived from the CLK25 input
(refer to Table 7 on page 16).
22
MII1_TXEN
I
Transmit Enable - MII 1. External controllers drive this input High to indicate data is
transmitted on the MII1_TXD<3:0> pins. Ground this input if unused.
21
20
19
17
MII1_TXD0
MII1_TXD1
MII1_TXD2
MII1_TXD3
I
Transmit Data - MII 1. External controllers use these inputs to transmit data to the
LXT98x3. The LXT98x3 samples MII1_TXD<3:0> on the rising edge of MII1_TXCLK,
when MII1_TXEN is High.
14
MII1_COL
O
Collision - MII 1. The LXT98x3 drives this signal High to indicate a collision
occurred.
13
MII1_CRS
O
Carrier Sense - MII 1. Active High signal indicates LXT98x3 is transmitting or
receiving.
1. I = Input, O = Output, I/O = Input/Output, D = Digital, A = Analog, AI = Analog Input, A I/O = Analog Input/Output, OD = Open
Drain,
OS = Open Source, PD = Pull Down, PU = Pull Up.
NC = No Clamp. Pad does not clamp input in the absence of power.
2. Pins are 5V tolerant, unless indicated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com