Electronic Components Datasheet Search
  English  ▼

X  

9863 Datasheet(PDF) 37 Page - Intel Corporation

Part # 9863
Description  Advanced 10/100 Umnmanaged Repeater
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9863 Datasheet(HTML) 37 Page - Intel Corporation

Back Button 9863 Datasheet HTML 33Page - Intel Corporation 9863 Datasheet HTML 34Page - Intel Corporation 9863 Datasheet HTML 35Page - Intel Corporation 9863 Datasheet HTML 36Page - Intel Corporation 9863 Datasheet HTML 37Page - Intel Corporation 9863 Datasheet HTML 38Page - Intel Corporation 9863 Datasheet HTML 39Page - Intel Corporation 9863 Datasheet HTML 40Page - Intel Corporation 9863 Datasheet HTML 41Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
Advanced 10/100 Unmanaged Repeater — LXT9883/9863
Datasheet
37
Document #: 249115
Revision #: 003
Rev. Date: 08/07/01
4.2.8
Clock
A stable, external 25MHz reference clock source (TTL) is required to the CLK25 pin. The
reference clock is used to generate transmit signals and recover receive signals. A crystal-based
clock is recommended over a derived clock (i.e., PLL-based) to minimize transmit jitter. Refer to
Table 18 for a list of recommended oscillators and to Table 21 on page 44 for clock timing
requirements.
-35
––
dB
60 to 100 MHz
Return Loss - standard
-16
––
dB
30 MHz
-10
––
dB
80 MHz
Table 17. LXT98x3 Magnetics Specifications
Parameter
Min
Nom
Max
Units
Test Condition
Table 18. Oscillator Manufacturers
Manufacturer
Part Number
Frequency
CTS
MXO45 / 45LV
25 MHz
Epson America
SG-636 Series
25 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com