Electronic Components Datasheet Search
  English  ▼

X  

9863 Datasheet(PDF) 38 Page - Intel Corporation

Part # 9863
Description  Advanced 10/100 Umnmanaged Repeater
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9863 Datasheet(HTML) 38 Page - Intel Corporation

Back Button 9863 Datasheet HTML 34Page - Intel Corporation 9863 Datasheet HTML 35Page - Intel Corporation 9863 Datasheet HTML 36Page - Intel Corporation 9863 Datasheet HTML 37Page - Intel Corporation 9863 Datasheet HTML 38Page - Intel Corporation 9863 Datasheet HTML 39Page - Intel Corporation 9863 Datasheet HTML 40Page - Intel Corporation 9863 Datasheet HTML 41Page - Intel Corporation 9863 Datasheet HTML 42Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
LXT9883/9863 — Advanced 10/100 Unmanaged Repeater
38
Datasheet
Document #: 249115
Revision #: 003
Rev. Date: 08/07/01
Figure 11. Typical Twisted-Pair Port Interface and Power Supply Filtering
Figure 12. Typical Reset Circuit
TPFIP
TPIN
RJ45
TPOP
TPON
VCCT
GND
0.1
µF
.01
µF
50
Ω
1%
3
6
1
2
1:1
1:1
LXT98x3
50
Ω
50
Ω
50
Ω
50
Ω
50
Ω
50
Ω
4
5
8
7
50
Ω
1%
0.01
µF
5%
270 pF 5%
270 pF 5%
0.001
µF
2kV
0.001
µF
2kV
0.001
µF
2kV
TPIP
.01
µF
VCC
C
R1
R2
’14
D
NOTE: t(CR1 > Power Supply Ramp Up Time. R2 discharges C when
supply goes away. The ‘14 is needed for multiple LXT98x3
devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com