Electronic Components Datasheet Search
  English  ▼

X  

9863 Datasheet(PDF) 23 Page - Intel Corporation

Part # 9863
Description  Advanced 10/100 Umnmanaged Repeater
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9863 Datasheet(HTML) 23 Page - Intel Corporation

Back Button 9863 Datasheet HTML 19Page - Intel Corporation 9863 Datasheet HTML 20Page - Intel Corporation 9863 Datasheet HTML 21Page - Intel Corporation 9863 Datasheet HTML 22Page - Intel Corporation 9863 Datasheet HTML 23Page - Intel Corporation 9863 Datasheet HTML 24Page - Intel Corporation 9863 Datasheet HTML 25Page - Intel Corporation 9863 Datasheet HTML 26Page - Intel Corporation 9863 Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
Advanced 10/100 Unmanaged Repeater — LXT9883/9863
Datasheet
23
Document #: 249115
Revision #: 003
Rev. Date: 08/07/01
3.6.4.1
Serial LED Signals
The LED serial interface bus consists of three LXT98x3 outputs: clock (LEDCLK), parallel load
clock (LEDLAT), and output data (LEDDAT). Refer to Table 5 on page 14 for signal descriptions
and to Figure 14 on page 40 for an illustration of the LED serial interface circuit. Refer to Figure 6
and Table 8 for details on the LED serial bit stream.
3.6.4.2
Activity Graph LEDs
The ACTGLED10 and ACTGLED100 LEDs are for activity bar graphing. The activity
information is integrated and updated over a period of 328.125ms, which has the effect of
smoothing out the activity. LEDs are provided for both the 10 Mbps and 100 Mbps segments.
Figure 6. Serial LED Port Signaling
Table 8.
Serial LED Port Bit Stream
Bit
MII Ports-LED1, 2, 3
Misc.
ACTGLED10
ACTGLED100
7
MII Port 1 - LED1
Collision - 10M
1
ACTG8
ACTG8
6
MII Port 1 - LED2
Collision - 100M
1
ACTG7
ACTG7
5
MII Port 1 - LED3
Not Used
ACTG6
ACTG6
4
MII Port 2 - LED1
Activity - 10M
1
ACTG5
ACTG5
3
MII Port 2 - LED2
Activity - 100M
1
ACTG4
ACTG4
2
MII Port 2 - LED3
Global Fault
ACTG3
ACTG3
1
Not Used
Not Used
ACTG2
ACTG2
0
Not Used
RPS Fault
ACTG1
ACTG1
1. These LEDs are multiplexed with Configuration Inputs.
LEDDAT
MII PORTS-LED1,2,3
Misc. LEDs
ACTGLED10
ACTGLED100
Time
LEDLAT
LEDDAT
LEDLAT
b0
b1
b2
b3
b4
b5
b6
b7
LEDCLK
Qa’-Qh’ (‘595)
Qa-Qh (‘164)
b0, b7-b1
b1, b0, b7-b2
b2-b0, b7-b3
b3-b0, b7-b4
b4-b0, b7-b5
b5-b0, b7-b6
b6-b0, b7
b7-b0
b7-b0
Qa-Qh
(‘595)
b7-b0
b7-b0
LEDDAT
LEDLAT
LEDCLK
122
µs
100 ns / 10 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com