Electronic Components Datasheet Search
  English  ▼

X  

9863 Datasheet(PDF) 45 Page - Intel Corporation

Part # 9863
Description  Advanced 10/100 Umnmanaged Repeater
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9863 Datasheet(HTML) 45 Page - Intel Corporation

Back Button 9863 Datasheet HTML 41Page - Intel Corporation 9863 Datasheet HTML 42Page - Intel Corporation 9863 Datasheet HTML 43Page - Intel Corporation 9863 Datasheet HTML 44Page - Intel Corporation 9863 Datasheet HTML 45Page - Intel Corporation 9863 Datasheet HTML 46Page - Intel Corporation 9863 Datasheet HTML 47Page - Intel Corporation 9863 Datasheet HTML 48Page - Intel Corporation 9863 Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
Advanced 10/100 Unmanaged Repeater — LXT9883/9863
Datasheet
45
Document #: 249115
Revision #: 003
Rev. Date: 08/07/01
Table 22. I/O Electrical Characteristics
Parameter
Sym
Min
Typ
1
Max
Units
Test Conditions
Input Low voltage
VIL
––
0.8
V
TTL inputs
––
30
% VCC
CMOS inputs
2
––
1.0
Schmitt triggers
3
Input High voltage
VIH
2.0
––
V
TTL inputs
70
––
% VCC
CMOS inputs
2
VCC - 1.0
––
V
Schmitt triggers
3
Hysteresis voltage
–
1.0
––
V
Schmitt triggers
3
Output Low voltage
VOL
––
0.4
V
IOL = 1.6 mA
Output Low voltage (LED)
VOLL
––
1.0
V
IOLL = 10 mA
Output High voltage
VOH
2.2
––
V
IOH = 40
µA
Input Low current
IIL
-100
––
µA
–
Input High current
IIH
––
100
µA
–
Output rise / fall time
TRF
–
310
ns
CL = 15 pF
1. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production testing.
2. Does not apply to IRB pins. Refer to Table 23 and Table 24 for IRB I/O characteristics.
3. Applies to RESET, CLK25, IR100SNGL, IR100COL, IR100DV, IR100DATn, IR100CLK, and IR10CLK pins.
Table 23. 100 Mbps IRB Electrical Characteristics
Parameter
Symbol
Min
Typ1
Max
Units
Test Conditions
Output Low voltage
VOL
–
.3
.7
V
RL = 330
Ω
Output rise or fall time
TRF
–
410ns
CL =
15 pF
Input High voltage
VIH
VCC - 2.0
––
V
CMOS inputs
VCC - 1.0
––
V
IR100CLK (Schmitt trigger)
Input Low voltage
VIL
––
2.0
V
CMOS inputs
––
1.0
IR100CLK (Schmitt trigger)
Hysteresis voltage
–
1.0
––
V
IR100CLK (Schmitt trigger)
3.3V Operation
IR100CFS current
single drive
––
6.8
–
mA
RL = 215
Ω
collision
––
13.5
–
mA
RL = 215
Ω
IR100CFSBP current
single drive
––
16.1
–
mA
RL = 91
Ω2
collision
––
31.8
–
mA
RL = 91
Ω2
IR100CFS/BP voltage
single drive
––
1.83
–
V
–
collision
––
0.4
–
V
–
1. Typical values are at 25° C and are for design aid only; they are not guaranteed and not subject to production testing.
2. 91
Ω resistors provide greater noise immunity. Systems using 91Ω resistors are backwards stackable with systems using
100
Ω resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com