Electronic Components Datasheet Search
  English  ▼

X  

9863 Datasheet(PDF) 43 Page - Intel Corporation

Part # 9863
Description  Advanced 10/100 Umnmanaged Repeater
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9863 Datasheet(HTML) 43 Page - Intel Corporation

Back Button 9863 Datasheet HTML 39Page - Intel Corporation 9863 Datasheet HTML 40Page - Intel Corporation 9863 Datasheet HTML 41Page - Intel Corporation 9863 Datasheet HTML 42Page - Intel Corporation 9863 Datasheet HTML 43Page - Intel Corporation 9863 Datasheet HTML 44Page - Intel Corporation 9863 Datasheet HTML 45Page - Intel Corporation 9863 Datasheet HTML 46Page - Intel Corporation 9863 Datasheet HTML 47Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
Advanced 10/100 Unmanaged Repeater — LXT9883/9863
Datasheet
43
Document #: 249115
Revision #: 003
Rev. Date: 08/07/01
Figure 16. Typical 100 Mbps IRB Implementation
Figure 17. Typical 10 Mbps IRB Implementation
LXT98x3
FPS = 1
LXT98x3
FPS = 1
215
Ω
1%
300
Ω
IR100DV\
IR100DAT <4:0>
IR100CFS\
IR100COL\
IR100SNGL
’245
IR100DATBP
IR100DVBP\
DIR
ENA
IR100CLKBP
AB
LXT98x3
FPS = 0
IR100CFSBP\
IR100DEN\
ISOLATE
91
Ω
1%*
+3.3V
330
Ω
IR100CLK
IR100DEN\
IR100DV\
IR100DAT
Stack or
Segment
Connector
+3.3V
91
Ω
91
Ω
2
1
1
ΚΩ
COMP_SEL
+3.3V
+3.3V
1. In stacked configurations, all devices with FPS/ = 0 are tied together at IR100CFSBP. The entire stack must
be pulled up by only one resistor per signal. Pull-up resistor is installed on one board only. (Board selection
is application specific.)
2. All devices with FPS
≠ 0 require individual pull-up resistors at IR100CFSBP.
3. Pull-up voltage should be the same as COMP_SEL.
LXT9883
FPS 1
LXT9883
FPS 1
+3.3V
215
Ω
1%
330
Ω
IR10ENA\
IR10DAT
IR10CFS\
IR10COL\
HOLDCOL
IR10CLK
’245
IR10DATBP
IR10ENABP\
DIR
ENA
IR10CLKBP
AB
LXT9883
FPS 0
IR10COLBP\
IR10CFSBP\
IR10DEN\
330
Ω
1%
330
Ω
1%
+3.3V
330
Ω
IR10DEN\
IR10CLK
IR10ENA\
IR10DAT
+3.3V
330
Ω
330
Ω
330
Ω
330
Ω
Stack or
Segment
Connector
2
1
COMP_SEL
1. In stacked configurations, all devices with FPS/ = 0 are tied together at IR100CFSBP. The entire stack must be
pulled up by only one resistor per signal. Pull-up resistor is installed on one board only. (Board selection is
application specific.)
2. All devices with FPS
≠ 0 require individual pull-up resistors at IR100CFSBP.
3. Pull-up voltage should be the same as COMP_SEL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com