Electronic Components Datasheet Search
  English  ▼

X  

9863 Datasheet(PDF) 34 Page - Intel Corporation

Part # 9863
Description  Advanced 10/100 Umnmanaged Repeater
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9863 Datasheet(HTML) 34 Page - Intel Corporation

Back Button 9863 Datasheet HTML 30Page - Intel Corporation 9863 Datasheet HTML 31Page - Intel Corporation 9863 Datasheet HTML 32Page - Intel Corporation 9863 Datasheet HTML 33Page - Intel Corporation 9863 Datasheet HTML 34Page - Intel Corporation 9863 Datasheet HTML 35Page - Intel Corporation 9863 Datasheet HTML 36Page - Intel Corporation 9863 Datasheet HTML 37Page - Intel Corporation 9863 Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
LXT9883/9863 — Advanced 10/100 Unmanaged Repeater
34
Datasheet
Document #: 249115
Revision #: 003
Rev. Date: 08/07/01
4.2.4
Chassis Ground
For ESD protection, create a separate chassis ground. For isolation, encircle the board and place a
“moat” around the signal ground plane to separate signal ground from chassis ground. Chassis
ground should extend from the RJ-45 connectors to the magnetics, and can be used to terminate
unused signal pairs (‘Bob Smith’ termination). In single-point grounding applications, provide a
single connection between chassis and circuit grounds with a 2kV isolation capacitor. In multi-
point grounding schemes (chassis and circuit grounds joined at multiple points), provide 2kV
isolation to the Bob Smith termination.
4.2.5
The RBIAS Pin
The LXT98x3 requires a 22.1 k
Ω, 1% resistor directly connected between the RBIAS pin and
ground. Place the RBIAS resistor as close to the RBIAS pin as possible. Run an etch directly from
the pin to the resistor, sink the other side of the resistor, and surround the RBIAS trace with a
filtered ground. Do not run high-speed signals next to RBIAS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com