Electronic Components Datasheet Search
  English  ▼

X  

9863 Datasheet(PDF) 32 Page - Intel Corporation

Part # 9863
Description  Advanced 10/100 Umnmanaged Repeater
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9863 Datasheet(HTML) 32 Page - Intel Corporation

Back Button 9863 Datasheet HTML 28Page - Intel Corporation 9863 Datasheet HTML 29Page - Intel Corporation 9863 Datasheet HTML 30Page - Intel Corporation 9863 Datasheet HTML 31Page - Intel Corporation 9863 Datasheet HTML 32Page - Intel Corporation 9863 Datasheet HTML 33Page - Intel Corporation 9863 Datasheet HTML 34Page - Intel Corporation 9863 Datasheet HTML 35Page - Intel Corporation 9863 Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
LXT9883/9863 — Advanced 10/100 Unmanaged Repeater
32
Datasheet
Document #: 249115
Revision #: 003
Rev. Date: 08/07/01
4.0
Application Information
4.1
General Design Guidelines
Following generally accepted design practices is essential to minimize noise levels on power and
ground planes. Up to 50mV of noise is considered acceptable. 50mV to 80mV of noise is
considered marginal. High-frequency switching noise can be reduced, and its effects can be
eliminated, by following these simple guidelines throughout the design:
• Fill in unused areas of the signal planes with solid copper. Attach them with vias to a VCC or
ground plane that is not located adjacent to the signal layer.
• Use ample bulk and decoupling capacitors throughout the design (a .01
µF value is
recommended for decoupling caps).
• Provide ample power and ground planes.
• Provide termination on all high-speed switching signals and clock lines.
• Provide impedance matching on long traces to prevent reflections.
• Route high-speed signals next to a continuous, unbroken ground plane.
• Filter and shield DC-DC converters, oscillators, etc.
• Do not route any digital signals between the LXT98x3 and the RJ-45 connectors at the edge of
the board.
• Do not extend any circuit power and ground plane past the center of the magnetics or to the
edge of the board. Use this area for chassis ground, or leave it void.
Figure 9. LXT9883 MII Operation
MIIn_TXD<3:0>
MIIn_TXEN
MIIn_TXER
MIIn_TXCLK
MIIn_RXCLK
MIIn_RXD<3:0>
MIIn_RXDV
MIIn_RXER
MIIn_CRS
MIIn_COL
LXT9883
10/100
MAC
Port 1
Port 2
Port 3
Port 4
Ports 1, 2
TP Ports
MII Ports
Port 6
Port 7
Port 8
Port 5
The two LXT9883 MII ports act
as the PHY side of the MII. An
external MAC sends TX Data to
the LXT9883 to be repeated to
the network. The LXT9883
repeats network data to the MAC
via the RX Data lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com