Electronic Components Datasheet Search
  English  ▼

X  

9863 Datasheet(PDF) 35 Page - Intel Corporation

Part # 9863
Description  Advanced 10/100 Umnmanaged Repeater
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9863 Datasheet(HTML) 35 Page - Intel Corporation

Back Button 9863 Datasheet HTML 31Page - Intel Corporation 9863 Datasheet HTML 32Page - Intel Corporation 9863 Datasheet HTML 33Page - Intel Corporation 9863 Datasheet HTML 34Page - Intel Corporation 9863 Datasheet HTML 35Page - Intel Corporation 9863 Datasheet HTML 36Page - Intel Corporation 9863 Datasheet HTML 37Page - Intel Corporation 9863 Datasheet HTML 38Page - Intel Corporation 9863 Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
Advanced 10/100 Unmanaged Repeater — LXT9883/9863
Datasheet
35
Document #: 249115
Revision #: 003
Rev. Date: 08/07/01
4.2.6
MII Terminations
The LXT98x3 MIIs have high output impedance (250-350
Ω). To minimize reflections, serial
termination resistors are recommended on all MII signals, especially with designs with long traces
(>3 inches). Place the resistor as close to the device as possible. Use a software trace termination
package to select an optimal resistance value for the specific trace. Proper value = nominal trace
impedance minus 13
Ω. If a software package cannot be used and nominal trace impedance is not
known, use 55
Ω.
Figure 10. Power and Ground Connections
RBIAS
VCC
GND
GND
VCC
GND
.01
µF
22.1k
Ω 1%
GND
VCC
0.1
µF
+
Ferrite
Beads
10
µF
+3.3V
LXT9883
VCCT
GND
10
µF
.01
µF
.1
µF
.1
µF
Digital Supply Plane
Analog Supply Plane
.01
µF
.1
µF
To Output Magnetics Centertap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com