Electronic Components Datasheet Search
  English  ▼

X  

9863 Datasheet(PDF) 4 Page - Intel Corporation

Part # 9863
Description  Advanced 10/100 Umnmanaged Repeater
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9863 Datasheet(HTML) 4 Page - Intel Corporation

  9863 Datasheet HTML 1Page - Intel Corporation 9863 Datasheet HTML 2Page - Intel Corporation 9863 Datasheet HTML 3Page - Intel Corporation 9863 Datasheet HTML 4Page - Intel Corporation 9863 Datasheet HTML 5Page - Intel Corporation 9863 Datasheet HTML 6Page - Intel Corporation 9863 Datasheet HTML 7Page - Intel Corporation 9863 Datasheet HTML 8Page - Intel Corporation 9863 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
Contents
4
Datasheet
Document #: 249115
Revision #: 003
Rev. Date: 08/07/01
4.2.3
Power and Ground Plane Layout Considerations.................................................. 33
4.2.4
Chassis Ground ..................................................................................................... 34
4.2.5
The RBIAS Pin....................................................................................................... 34
4.2.6
MII Terminations .................................................................................................... 35
4.2.7
Twisted-Pair Interface............................................................................................ 36
4.2.7.1
Magnetics Information............................................................................ 36
4.2.8
Clock......................................................................................................................37
4.2.9
LED Circuits........................................................................................................... 39
4.2.9.1
Direct Drive LEDs .................................................................................. 39
4.2.9.2
LED Pins Multiplexed with Configuration Inputs .................................... 39
4.2.9.3
Serial LEDs ............................................................................................ 40
4.3
Inter-Repeater Backplane Compatibility ............................................................................. 41
4.3.1
Local Backplane—3.3V Only ................................................................................. 41
4.3.2
Stack Backplane—3.3V or 5V ............................................................................... 41
4.3.2.1
3.3V-Only Stacks ................................................................................... 41
4.3.2.2
For 5V Backwards Stackability .............................................................. 41
4.3.2.3
3.3V and 5.0V Stacking Boards Cannot Be Mixed ................................ 41
5.0
Test Specifications...................................................................................................................... 44
6.0
Mechanical Specifications.......................................................................................................... 56
Figures
1
LXT98x3 Block Diagram............................................................................................................... 7
2
LXT9883 Pin Assignments ........................................................................................................... 8
3
Typical LXT9883 Repeater Architecture .................................................................................... 17
4
MII Interface................................................................................................................................ 19
5
Serial LED Shift Loading ........................................................................................................... 22
6
Serial LED Port Signaling ........................................................................................................... 23
7
100M IRB Connection ................................................................................................................ 29
8
IRB Block Diagram .................................................................................................................... 30
9
LXT9883 MII Operation .............................................................................................................. 32
10
Power and Ground Connections ................................................................................................ 35
11
Typical Twisted-Pair Port Interface and Power Supply Filtering ................................................ 38
12
Typical Reset Circuit .................................................................................................................. 38
13
LED Circuits - Direct Drive & Multiplexed Configuration Inputs .................................................. 39
14
Serial LED Circuit ....................................................................................................................... 40
15
100M Backplane Connection between LXT98x and LXT98x3 ................................................... 42
16
Typical 100 Mbps IRB Implementation ...................................................................................... 43
17
Typical 10 Mbps IRB Implementation ........................................................................................ 43
18
100 Mbps TP Port-to-Port Delay Timing..................................................................................... 48
19
100BASE-TX MII-to-TP Port Timing .......................................................................................... 49
20
100BASE-TX TP-to-MII Timing ................................................................................................. 50
21
10BASE-T MII-to-TP Timing ...................................................................................................... 51
22
10BASE-T TP-to-MII Port Timing .............................................................................................. 52
23
100 Mbps TP-to-IRB Timing ...................................................................................................... 53
24
10 Mbps TP-to-IRB Timing ........................................................................................................ 54
25
10 Mbps IRB-to-TP Port Timing ................................................................................................55
26
LXT98x3 Package Specifications .............................................................................................. 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com