Electronic Components Datasheet Search
  English  ▼

X  

9863 Datasheet(PDF) 55 Page - Intel Corporation

Part # 9863
Description  Advanced 10/100 Umnmanaged Repeater
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9863 Datasheet(HTML) 55 Page - Intel Corporation

Back Button 9863 Datasheet HTML 48Page - Intel Corporation 9863 Datasheet HTML 49Page - Intel Corporation 9863 Datasheet HTML 50Page - Intel Corporation 9863 Datasheet HTML 51Page - Intel Corporation 9863 Datasheet HTML 52Page - Intel Corporation 9863 Datasheet HTML 53Page - Intel Corporation 9863 Datasheet HTML 54Page - Intel Corporation 9863 Datasheet HTML 55Page - Intel Corporation 9863 Datasheet HTML 56Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 55 / 56 page
background image
Advanced 10/100 Unmanaged Repeater — LXT9883/9863
Datasheet
55
Document #: 249115
Revision #: 003
Rev. Date: 08/07/01
Figure 25. 10 Mbps IRB-to-TP Port Timing
Table 34. 10 Mbps IRB-to TP Port Timing Parameters
Parameter
Symbol
Min
Typ
1
Max
Units
2
Test Conditions
MACACTIVE to IR10ENA
assertion delay
3
t14A
–
100
–
ns
MACACTIVE High to IR10ENA Low.
4
IR10DAT (input) to IR10CLK
setup time
t14B
–
20
–
ns
IR10DAT valid to IR10CLK rising
edge.
4
IR10CLK to IR10DAT (input)
hold time
t14C
–
0
–
ns
IR10CLK rising edge to IR10DAT
change.
4
IR10ENA asserted to
TPOP/N active
t14D
5
5.1
6
BT
–
1. Typical values are at 25° C and are for design aid only; they are not guaranteed and not subject to production testing.
2. Bit Time (BT) is the duration of one bit as transferred to/from the MAC and is the reciprocal of bit rate. BT for
10BASE-T = 10
-7 s or 100ns.
3. External devices should allow at least one 10 MHz clock cycle (10 ns) between assertion of MACACTIVE and IR10ENA.
4. Input.
MACACTIVE
IR10ENA
IR10DAT
t14A
t14B
IR10CLK
t14C
TPOP/N
t14D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com