Electronic Components Datasheet Search
  English  ▼

X  

9863 Datasheet(PDF) 39 Page - Intel Corporation

Part # 9863
Description  Advanced 10/100 Umnmanaged Repeater
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9863 Datasheet(HTML) 39 Page - Intel Corporation

Back Button 9863 Datasheet HTML 35Page - Intel Corporation 9863 Datasheet HTML 36Page - Intel Corporation 9863 Datasheet HTML 37Page - Intel Corporation 9863 Datasheet HTML 38Page - Intel Corporation 9863 Datasheet HTML 39Page - Intel Corporation 9863 Datasheet HTML 40Page - Intel Corporation 9863 Datasheet HTML 41Page - Intel Corporation 9863 Datasheet HTML 42Page - Intel Corporation 9863 Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
Advanced 10/100 Unmanaged Repeater — LXT9883/9863
Datasheet
39
Document #: 249115
Revision #: 003
Rev. Date: 08/07/01
4.2.9
LED Circuits
4.2.9.1
Direct Drive LEDs
Each Direct Drive LED has a corresponding open-drain pin. The LEDs are connected, via a current
limiting resistor, to a positive voltage rail. The LEDs are turned on when the output pin drives Low.
The open-drain LED pins are 5V tolerant, allowing use of either a 3.3V or 5V rail. A 5V rail eases
LED component selection by allowing more common, high forward voltage LEDs to be used.
Refer to Figure 13 for a circuit illustration.
4.2.9.2
LED Pins Multiplexed with Configuration Inputs
Some static configuration inputs are multiplexed with LED pins to reduce the LXT98x3 pin count.
These LED pins are configured by current sinking (open- drain output) and sourcing (open-source
output). If the LED pin sinks the LED current, the configuration value is ‘1’. If LED pin sources
the current, the configuration value is a ‘0’. The LXT98x3 detects the configuration value
following reset and then selects the appropriate output drive circuit (open drain or source). If the
LED function of a multiplexed configuration pin is not used, tie the pin to Ground or Vcc via a
100–500k
Ω resistor to set the configuration value. Multiple LED configuration pins can be tied off
with a single resistor to set them all to the same value. Refer to Figure 13 for a circuit illustration.
For configuration values of ‘1’, a 3.3V or a 5V rail can be used to drive the LEDs (to ease LED
selection as with Direct Drive LEDs).
For configuration values of ‘0’, external buffering is used when 5V LED driving is desired. (This
buffering could be as simple as a single transistor.) As an alternative, use the copies of the
multiplexed LED data found on the LED serial interface. 5V LED driving is achieved. Also, if a
5V tolerant serial-to-parallel device is used for the LED serial interface, 5V LED driving is
achieved (see "Serial LEDs” on page 40.).
Figure 13. LED Circuits - Direct Drive &
Multiplexed Configuration Inputs
Inside
IC
Outside
IC
Direct Drive
R
VLED
Inside
IC
Outside
IC
Configuration
= ‘1’
Inside
IC
Outside
IC
Configuration
= ‘0’
R
VLED
R
VLED = 3.3 to 5 Volts +/- 5%
Multiplexed
Multiplexed
Vcc = 3.3 Volts +/- 5%
Inside
IC
Outside
IC
Configuration
= ‘0’
Vcc
Multiplexed
with Transistor Buffer
R
VLED
100k
Ω
Rb
Vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com