Electronic Components Datasheet Search
  English  ▼

X  

9863 Datasheet(PDF) 26 Page - Intel Corporation

Part # 9863
Description  Advanced 10/100 Umnmanaged Repeater
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9863 Datasheet(HTML) 26 Page - Intel Corporation

Back Button 9863 Datasheet HTML 22Page - Intel Corporation 9863 Datasheet HTML 23Page - Intel Corporation 9863 Datasheet HTML 24Page - Intel Corporation 9863 Datasheet HTML 25Page - Intel Corporation 9863 Datasheet HTML 26Page - Intel Corporation 9863 Datasheet HTML 27Page - Intel Corporation 9863 Datasheet HTML 28Page - Intel Corporation 9863 Datasheet HTML 29Page - Intel Corporation 9863 Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
LXT9883/9863 — Advanced 10/100 Unmanaged Repeater
26
Datasheet
Document #: 249115
Revision #: 003
Rev. Date: 08/07/01
3.6.6.3
LED Mode 3
Mode 3 operations are described in Table 13.
Table 12. LED Mode 2 Indications
LED
Operating
Mode
Hardware Control
1
On
Blink
Off
PORTnLED1
Any
10M: Port_Enabled,
Link_OK, not
Port_Partitioned
100M: Port_Enabled,
Link_OK, not
Port_Partitioned
10M: Port_Enabled,
Link_OK, and
Port_Partitioned (slow
blink)
100M: Port_Enabled,
Port_Partitioned
(Slow Blink)
Any other state
PORTnLED2
Rcv_Activity
(20 ms pulse)
2
N/A
Any other state
PORTnLED3
AUTOBLINK active
100M Link_OK
No Link_OK
(Fast Blink)
10M Link_OK
AUTOBLINK inactive
N/A
Collision and
Activity LEDs
Any
The collision and activity LEDs are on a Per Segment basis. Pulse
stretchers are used to extend the on-time for the LEDs. For every on-
cycle of the stretched LEDs, an off-cycle, with the same period as the on-
cycle, always follows.
The collision LEDs turn on for approximately 120
µs when the LXT98x3
detects a collision on the segments. During the time that the LED is on,
any additional collisions are ignored by the collision LED logic.
The activity LEDs turn on for approximately 4 ms when the LXT98x3
detects any activity on the segments. During the time that the LED is on,
any additional activity is ignored by the activity LED logic.
RPS Fault
Any
PRS_Present, no
RPS_Fault
PRS_Present,
RPS_Fault
(Slow Blink)
Not RPS_Present
Global Fault
Any
N/A
Any Port_Partitioned,
any Port Isolated
or
RPS_Fault and
RPS_Present
(Slow Blink)
Any other state
1. Refer to Table 10: LED Terms, which defines all key terms used in this section.
2. Receive activity is stretched to a 20 ms wide pulse. For every on-cycle of the stretched LEDs, an off-cycle, with the same
period as the on-cycle, always follows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com