Electronic Components Datasheet Search
  English  ▼

X  

9863 Datasheet(PDF) 21 Page - Intel Corporation

Part # 9863
Description  Advanced 10/100 Umnmanaged Repeater
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9863 Datasheet(HTML) 21 Page - Intel Corporation

Back Button 9863 Datasheet HTML 17Page - Intel Corporation 9863 Datasheet HTML 18Page - Intel Corporation 9863 Datasheet HTML 19Page - Intel Corporation 9863 Datasheet HTML 20Page - Intel Corporation 9863 Datasheet HTML 21Page - Intel Corporation 9863 Datasheet HTML 22Page - Intel Corporation 9863 Datasheet HTML 23Page - Intel Corporation 9863 Datasheet HTML 24Page - Intel Corporation 9863 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
Advanced 10/100 Unmanaged Repeater — LXT9883/9863
Datasheet
21
Document #: 249115
Revision #: 003
Rev. Date: 08/07/01
Each supply input should be decoupled to ground. Refer to Table 6 on page 15 for power and
ground pin assignments, and to the "General Design Guidelines” on page 32..
3.5.2
Clock
A stable, external 25MHz reference clock source (TTL) is required to the CLK25 pin. The
reference clock is used to generate transmit signals and recover receive signals. A crystal-based
clock is recommended over a derived clock (i.e., PLL-based) to minimize transmit jitter. Refer to
Table 18 on page 37 for a list of recommended oscillators and to Table 21 on page 44 for clock
timing requirements.
3.5.3
Bias Resistor
The RBIAS input requires a 22.1 k
Ω, 1% resistor connected to ground.
3.5.4
Reset
At power-up, the reset input must be held Low until VCC reaches at least 3.15V. A buffer should be
used to drive reset if there are multiple LXT98x3 devices. The clock must be active.
3.5.5
IRB Bus Pull-ups
Even when the LXT98x3 is used in a stand-alone configuration, pull-up resistors are required on
the IRB signals. See Figure 16 and Figure 17 on page 43.
3.6
LED Operation
The LXT98x3 drives the most commonly used LEDs directly (see "Direct Drive LEDs” on
page 24.). The less frequently used LEDs are optionally driven via a serial bus to inexpensive
Serial-to-Parallel devices (see “Serial LEDs” on this page).
3.6.1
LEDs at Start-up
For approximately 2 seconds after the LXT98x3 is reset, all LEDs are driven to the ON state. This
start-up routine is an LED check.
100 Mbps IRB
10 Mbps IRB
IR100CFS
IR10DAT
IR100CFSBP
IR10ENA
IR100DV
IR10COL
IR100CLK
IR10CFS
IR10COLBP
IR10CFSBP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com