Electronic Components Datasheet Search
  English  ▼

X  

A29DL323 Datasheet(PDF) 9 Page - AMIC Technology

Part # A29DL323
Description  32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29DL323 Datasheet(HTML) 9 Page - AMIC Technology

Back Button A29DL323 Datasheet HTML 5Page - AMIC Technology A29DL323 Datasheet HTML 6Page - AMIC Technology A29DL323 Datasheet HTML 7Page - AMIC Technology A29DL323 Datasheet HTML 8Page - AMIC Technology A29DL323 Datasheet HTML 9Page - AMIC Technology A29DL323 Datasheet HTML 10Page - AMIC Technology A29DL323 Datasheet HTML 11Page - AMIC Technology A29DL323 Datasheet HTML 12Page - AMIC Technology A29DL323 Datasheet HTML 13Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
A29DL32x Series
PRELIMINARY
(May, 2005, Version 0.0)
8
AMIC Technology, Corp.
Table 3 Sector Addresses for Top Boot Sector Devices
Sector
Sector Address
A20–A12
Sector Size
(Kbytes/Kwords)
(x8)
Address Range
(x16)
Address Range
SA0
000000XXX
64/32
000000h-00FFFFh
000000h–007FFFh
SA1
000001XXX
64/32
010000h-01FFFFh
008000h–00FFFFh
SA2
000010XXX
64/32
020000h-02FFFFh
010000h–017FFFh
SA3
000011XXX
64/32
030000h-03FFFFh
018000h–1FFFFFh
SA4
000100XXX
64/32
040000h-04FFFFh
020000h–027FFFh
SA5
000101XXX
64/32
050000h-05FFFFh
028000h–02FFFFh
SA6
000110XXX
64/32
060000h-06FFFFh
030000h–037FFFh
SA7
000111XXX
64/32
070000h-07FFFFh
038000h–03FFFFh
SA8
001000XXX
64/32
080000h-08FFFFh
040000h–047FFFh
SA9
001001XXX
64/32
090000h-09FFFFh
048000h–04FFFFh
SA10
001010XXX
64/32
0A0000h-0AFFFFh
050000h–057FFFh
SA11
001011XXX
64/32
0B0000h-0BFFFFh
058000h–05FFFFh
SA12
001100XXX
64/32
0C0000h-0CFFFFh
060000h–067FFFh
SA13
001101XXX
64/32
0D0000h-0DFFFFh
068000h–06FFFFh
SA14
001110XXX
64/32
0E0000h-0EFFFFh
070000h–077FFFh
SA15
001111XXX
64/32
0F0000h-0FFFFFh
078000h–07FFFFh
SA16
010000XXX
64/32
100000h-10FFFFh
080000h–087FFFh
SA17
010001XXX
64/32
110000h-11FFFFh
088000h–08FFFFh
SA18
010010XXX
64/32
120000h-12FFFFh
090000h–097FFFh
SA19
010011XXX
64/32
130000h-13FFFFh
098000h–09FFFFh
SA20
010100XXX
64/32
140000h-14FFFFh
0A0000h–0A7FFFh
SA21
010101XXX
64/32
150000h-15FFFFh
0A8000h–0AFFFFh
SA22
010110XXX
64/32
160000h-16FFFFh
0B0000h–0B7FFFh
SA23
010111XXX
64/32
170000h-17FFFFh
0B8000h–0BFFFFh
SA24
011000XXX
64/32
180000h-18FFFFh
0C0000h–0C7FFFh
SA25
011001XXX
64/32
190000h-19FFFFh
0C8000h–0CFFFFh
SA26
011010XXX
64/32
1A0000h-1AFFFFh
0D0000h–0D7FFFh
SA27
011011XXX
64/32
1B0000h-1BFFFFh
0D8000h–0DFFFFh
SA28
011100XXX
64/32
1C0000h-1CFFFFh
0E0000h–0E7FFFh
SA29
011101XXX
64/32
1D0000h-1DFFFFh
0E8000h–0EFFFFh
SA30
011110XXX
64/32
1E0000h-1EFFFFh
0F0000h–0F7FFFh
SA31
011111XXX
64/32
1F0000h-1FFFFFh
0F8000h–0FFFFFh
SA32
100000XXX
64/32
200000h-20FFFFh
100000h–107FFFh
SA33
100001XXX
64/32
210000h-21FFFFh
108000h–10FFFFh
SA34
100010XXX
64/32
220000h-22FFFFh
110000h–117FFFh
SA35
100011XXX
64/32
230000h-23FFFFh
118000h–11FFFFh
SA36
100100XXX
64/32
240000h-24FFFFh
120000h–127FFFh
SA37
100101XXX
64/32
250000h-25FFFFh
128000h–12FFFFh
SA38
100110XXX
64/32
260000h-26FFFFh
130000h–137FFFh
SA39
100111XXX
64/32
270000h-27FFFFh
138000h–13FFFFh
SA40
101000XXX
64/32
280000h-28FFFFh
140000h–147FFFh
SA41
101001XXX
64/32
290000h-29FFFFh
148000h–14FFFFh
SA42
101010XXX
64/32
2A0000h-2AFFFFh
150000h–157FFFh
SA43
101011XXX
64/32
2B0000h-2BFFFFh
158000h–15FFFFh
SA44
101100XXX
64/32
2C0000h-2CFFFFh
160000h–167FFFh
SA45
101101XXX
64/32
2D0000h-2DFFFFh
168000h–16FFFFh
SA46
101110XXX
64/32
2E0000h-2EFFFFh
170000h–177FFFh
SA47
101111XXX
64/32
2F0000h-2FFFFFh
178000h–17FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com