Electronic Components Datasheet Search
  English  ▼

X  

A29DL323 Datasheet(PDF) 32 Page - AMIC Technology

Part # A29DL323
Description  32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29DL323 Datasheet(HTML) 32 Page - AMIC Technology

Back Button A29DL323 Datasheet HTML 28Page - AMIC Technology A29DL323 Datasheet HTML 29Page - AMIC Technology A29DL323 Datasheet HTML 30Page - AMIC Technology A29DL323 Datasheet HTML 31Page - AMIC Technology A29DL323 Datasheet HTML 32Page - AMIC Technology A29DL323 Datasheet HTML 33Page - AMIC Technology A29DL323 Datasheet HTML 34Page - AMIC Technology A29DL323 Datasheet HTML 35Page - AMIC Technology A29DL323 Datasheet HTML 36Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
A29DL32x Series
PRELIMINARY
(May, 2005, Version 0.0)
31
AMIC Technology, Corp.
DC CHARACTERISTICS
CMOS Compatible
Parameter
Symbol
Parameter Description
Test Description
Min.
Typ.
Max.
Unit
ILI
Input Load Current
VIN = VSS to VCC. VCC = VCC Max
±1.0
µA
ILIT
A9 Input Load Current
VCC = VCC Max, A9 =12.5V
35
µA
ILO
Output Leakage Current
VOUT = VSS to VCC. VCC = VCC Max
±1.0
µA
5 MHz
10
16
CE = VIL, OE = VIH
Byte Mode
1 MHz
2
4
5 MHz
10
16
ICC1
VCC Active Read Current
(Notes 1, 2)
CE = VIL, OE = VIH
Word Mode
1 MHz
2
4
mA
ICC2
VCC Active Write Current
(Notes 2, 3)
CE = VIL, OE =VIH
20
30
mA
ICC3
VCC Standby Current (Note 2)
CE = VIH,
RESET = VCC ± 0.3V
0.2
5
µA
ICC4
VCC Reset Current (Note 2)
RESET = VSS ± 0.3V
0.2
5
µA
ICC5
Automatic Sleep Mode
(Note 2, 4)
VIH = VCC
± 0.3V; VIL = VSS ± 0.3V
0.2
5
µA
Byte
21
45
ICC6
VCC Active Read-While-Program
Current (Notes 1, 2)
CE = VIL, OE = VIH
Word
21
45
mA
Byte
21
45
ICC7
VCC Active Read-While-Erase
Current (Notes 1, 2)
CE = VIL, OE = VIH
Word
21
45
mA
ICC8
VCC Active
Program-While-Erase-Suspended
Current (Notes 2, 5)
CE = VIL, OE = VIH
17
35
mA
ACC pin
5
10
IACC
ACC Accelerated Program Current,
Word or Byte
CE = VIL, OE = VIH
VCC pin
15
30
mA
VIL
Input Low Level
-0.5
0.8
V
VIH
Input High Level
0.7 x VCC
VCC + 0.3
V
VHH
Voltage for WP /ACC Sector
Protect/Unprotect and Program
Acceleration
VCC = 3.0 V ± 10%
8.5
9.5
V
VID
Voltage for Autoselect and
Temporary Unprotect Sector
VCC = 3.0 V ± 10%
8.5
12.5
V
VOL
Output Low Voltage
IOL = 4.0mA, VCC = VCC Min
0.45
V
VOH1
IOH = -2.0 mA, VCC = VCC Min
0.85 x VCC
V
VOH2
Output High Voltage
IOH = -100
µA, VCC = VCC Min
VCC - 0.4
V
VLKO
Low VCC Lock-Out Voltage (Note 5)
2.3
2.5
V
Notes:
1. The ICC current listed is typically less than 2 mA/MHz, with
OE at VIH.
2. Maximum ICC specifications are tested with VCC = VCC max.
3. ICC active while Embedded Algorithm (program or erase) is in progress.
4. Automatic sleep mode enables the low power mode when addresses remain stable for tACC + 30ns. Typical sleep mode current
is 200nA.
5. Not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com