Electronic Components Datasheet Search
  English  ▼

X  

A29DL323 Datasheet(PDF) 30 Page - AMIC Technology

Part # A29DL323
Description  32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29DL323 Datasheet(HTML) 30 Page - AMIC Technology

Back Button A29DL323 Datasheet HTML 26Page - AMIC Technology A29DL323 Datasheet HTML 27Page - AMIC Technology A29DL323 Datasheet HTML 28Page - AMIC Technology A29DL323 Datasheet HTML 29Page - AMIC Technology A29DL323 Datasheet HTML 30Page - AMIC Technology A29DL323 Datasheet HTML 31Page - AMIC Technology A29DL323 Datasheet HTML 32Page - AMIC Technology A29DL323 Datasheet HTML 33Page - AMIC Technology A29DL323 Datasheet HTML 34Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
A29DL32x Series
PRELIMINARY
(May, 2005, Version 0.0)
29
AMIC Technology, Corp.
Table 13. Write Operation Status
I/O7
I/O6
I/O5
I/O3
I/O2
RY/
BY
Status
(Note 2)
(Note 1)
(Note 2)
Embedded Program Algorithm
7
I/O
Toggle
0
N/A
No toggle
0
Standard
Mode
Embedded Erase Algorithm
0
Toggle
0
1
Toggle
0
Erase
Suspended Sector
1
No toggle
0
N/A
Toggle
1
Erase-Suspend-
Read
Non-Erase
Suspend Sector
Data
Data
Data
Data
Data
1
Erase
Suspend
Mode
Erase-Suspend-Program
7
I/O
Toggle
0
N/A
N/A
0
Notes:
1. I/O5 switches to ‘1’ when an Embedded Program or Embedded Erase operation has exceeded the maximum timing limits.
Refer to the section on I/O5 for more information.
2. I/O7 and I/O2 require a valid address when reading status information. Refer to the appropriate subsection for further details.
3. When reading write operation status bits, the system must always provide the bank address where the Embedded Algorithm
is in progress. The device outputs array data if the system addresses a non-busy bank.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com