Electronic Components Datasheet Search
  English  ▼

X  

A29DL323 Datasheet(PDF) 43 Page - AMIC Technology

Part # A29DL323
Description  32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29DL323 Datasheet(HTML) 43 Page - AMIC Technology

Back Button A29DL323 Datasheet HTML 39Page - AMIC Technology A29DL323 Datasheet HTML 40Page - AMIC Technology A29DL323 Datasheet HTML 41Page - AMIC Technology A29DL323 Datasheet HTML 42Page - AMIC Technology A29DL323 Datasheet HTML 43Page - AMIC Technology A29DL323 Datasheet HTML 44Page - AMIC Technology A29DL323 Datasheet HTML 45Page - AMIC Technology A29DL323 Datasheet HTML 46Page - AMIC Technology A29DL323 Datasheet HTML 47Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 50 page
background image
A29DL32x Series
PRELIMINARY
(May, 2005, Version 0.0)
42
AMIC Technology, Corp.
AC CHARACTERISTICS
VID
Note : For sector protect, A6=0, A1=1, A0=0. For sector unprotect, A6=1, A1=1, A0=0
VIH
RESET
SA, A6,
A1, A0
Data
CE
WE
OE
Valid*
Valid*
Valid*
60h
60h
40h
Status
Sector Protect/Unprotect
Verify
1us
Sector Protect:150us
Sector Unprotect:15ms
200ns-300ns
Figure 23. Sector/Sector Block Protect and Unprotect Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com