Electronic Components Datasheet Search
  English  ▼

X  

A29DL323 Datasheet(PDF) 27 Page - AMIC Technology

Part # A29DL323
Description  32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29DL323 Datasheet(HTML) 27 Page - AMIC Technology

Back Button A29DL323 Datasheet HTML 23Page - AMIC Technology A29DL323 Datasheet HTML 24Page - AMIC Technology A29DL323 Datasheet HTML 25Page - AMIC Technology A29DL323 Datasheet HTML 26Page - AMIC Technology A29DL323 Datasheet HTML 27Page - AMIC Technology A29DL323 Datasheet HTML 28Page - AMIC Technology A29DL323 Datasheet HTML 29Page - AMIC Technology A29DL323 Datasheet HTML 30Page - AMIC Technology A29DL323 Datasheet HTML 31Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
A29DL32x Series
PRELIMINARY (May, 2005, Version 0.0)
26
AMIC Technology, Corp.
WRITE OPERATION STATUS
The device provides several bits to determine the status of a
program or erase operation: I/O2, I/O3, I/O5, I/O6, and I/O7.
Table 13 and the following subsections describe the function
of these bits. I/O7 and I/O6 each offer a method for
determining whether a program or erase operation is
complete or in progress. The device also provides a
hardware-based output signal, RY/
BY , to determine whether
an Embedded Program or Erase operation is in progress or
has been completed.
I/O7: Data Polling
The
Data Polling bit, I/O7, indicates to the host system
whether an Embedded Algorithm is in progress or completed,
or whether the device is in Erase Suspend.
Data Polling is
valid after the rising edge of the final
WE pulse in the
program or erase command sequence.
During the Embedded Program algorithm, the device outputs
on I/O7 the complement of the datum programmed to I/O7.
This I/O7 status also applies to programming during Erase
Suspend. When the Embedded Program algorithm is
complete, the device outputs the datum programmed to I/O7.
The system must provide the program address to read valid
status information on I/O7. If a program address falls within a
protected
sector,
Data Polling on I/O7 is active for
approximately 1
µs, then the device returns to reading array
data.
During
the
Embedded
Erase
algorithm,
Data Polling
produces a "0" on I/O7. When the Embedded Erase algorithm
is complete, or if the device enters the Erase Suspend mode,
Data Polling produces a "1" on I/O7. The system must
provide an address within any of the sectors selected for
erasure to read valid status information on I/O7.
After an erase command sequence is written, if all sectors
selected for erasing are protected,
Data Polling on I/O7 is
active for approximately 100
µs, then the bank returns to
reading array data. If not all selected sectors are protected,
the Embedded Erase algorithm erases the unprotected
sectors, and ignores the selected sectors that are protected.
However, if the system reads I/O7 at an address within a
protected sector, the status may not be valid.
Just prior to the completion of an Embedded Program or
Erase operation, I/O7 may change asynchronously with I/O0–
I/O6 while Output Enable (
OE ) is asserted low. That is, the
device may change from providing status information to valid
data on I/O7. Depending on when the system samples the
I/O7 output, it may read the status or valid data. Even if the
device has completed the program or erase operation and
I/O7 has valid data, the data outputs on I/O0-I/O6 may be still
invalid. Valid data on I/O0-I/O7 will appear on successive read
cycles.
Table 13 shows the outputs for
Data Polling on I/O7. Figure
5 shows the
Data Polling algorithm. Figure 19 in the AC
Characteristics section shows the
Data Polling timing
diagram.
START
Read I/O7-I/O0
Address = VA
I/O7 = Data ?
FAIL
No
Note :
1. VA = Valid address for programming. During a sector
erase operation, a valid address is an address within any
sector selected for erasure. During chip erase, a valid
address is any non-protected sector address.
2. I/O7 should be rechecked even if I/O5 = "1" because
I/O7 may change simultaneously with I/O5.
No
Read I/O7 - I/O0
Address = VA
I/O5 = 1?
I/O7 = Data ?
Yes
No
PASS
Yes
Yes
Figure 5. Data Polling Algorithm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com