Electronic Components Datasheet Search
  English  ▼

X  

A29DL323 Datasheet(PDF) 23 Page - AMIC Technology

Part # A29DL323
Description  32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29DL323 Datasheet(HTML) 23 Page - AMIC Technology

Back Button A29DL323 Datasheet HTML 19Page - AMIC Technology A29DL323 Datasheet HTML 20Page - AMIC Technology A29DL323 Datasheet HTML 21Page - AMIC Technology A29DL323 Datasheet HTML 22Page - AMIC Technology A29DL323 Datasheet HTML 23Page - AMIC Technology A29DL323 Datasheet HTML 24Page - AMIC Technology A29DL323 Datasheet HTML 25Page - AMIC Technology A29DL323 Datasheet HTML 26Page - AMIC Technology A29DL323 Datasheet HTML 27Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
A29DL32x Series
PRELIMINARY
(May, 2005, Version 0.0)
22
AMIC Technology, Corp.
START
Write Program
Command
Sequence
Data Poll
from System
Verify Data ?
Last Address ?
Programming
Completed
No
Yes
Yes
Increment Address
Embedded
Program
algorithm in
progress
Note : See Table 14 for program command sequnce.
Figure 3. Program Operation
No
Unlock Bypass Command Sequence
The unlock bypass feature allows the system to program
bytes or words to a bank faster than using the standard
program command sequence. The unlock bypass command
sequence is initiated by first writing two unlock cycles. This is
followed by a third write cycle containing the unlock bypass
command, 20h. The device then enters the unlock bypass
mode. A two-cycle unlock bypass program command
sequence is all that is required to program in this mode. The
first cycle in this sequence contains the unlock bypass pro-
gram command, A0h; the second cycle contains the program
address and data. Additional data is programmed in the
same manner. This mode dispenses with the initial two
unlock cycles required in the standard program command
sequence, resulting in faster total programming time. Table
12 shows the requirements for the command sequence.
During the unlock bypass mode, only the Unlock Bypass
Program and Unlock Bypass Reset commands are valid. To
exit the unlock bypass mode, the system must issue the two-
cycle unlock bypass reset command sequence. The device
then returns to reading array data.
The device offers accelerated program operations through
the WP /ACC pin. When the system asserts VHH on the
WP /ACC pin, the device automatically enters the Unlock
Bypass mode. The system may then write the two-cycle
Unlock Bypass program command sequence. The device
uses the higher voltage on the WP /ACC pin to accelerate
the operation. Note that the WP /ACC pin must not be at VHH
any operation other than accelerated programming, or device
damage may result. In addition, the WP /ACC pin must not
be left floating or unconnected; inconsistent behavior of the
device may result.
Figure 3 illustrates the algorithm for the program operation.
Refer to the Erase and Program Operations table in the AC
Characteristics section for parameters, and Figure 15 for
timing diagrams.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com