Electronic Components Datasheet Search
  English  ▼

X  

A29DL323 Datasheet(PDF) 34 Page - AMIC Technology

Part # A29DL323
Description  32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29DL323 Datasheet(HTML) 34 Page - AMIC Technology

Back Button A29DL323 Datasheet HTML 30Page - AMIC Technology A29DL323 Datasheet HTML 31Page - AMIC Technology A29DL323 Datasheet HTML 32Page - AMIC Technology A29DL323 Datasheet HTML 33Page - AMIC Technology A29DL323 Datasheet HTML 34Page - AMIC Technology A29DL323 Datasheet HTML 35Page - AMIC Technology A29DL323 Datasheet HTML 36Page - AMIC Technology A29DL323 Datasheet HTML 37Page - AMIC Technology A29DL323 Datasheet HTML 38Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
A29DL32x Series
PRELIMINARY
(May, 2005, Version 0.0)
33
AMIC Technology, Corp.
AC CHARACTERISTICS
Read Only Operations
Parameter
Speed
JEDEC
Std
Description
Test Setup
-70
-80
-90
-120
Unit
tAVAV
tRC
Read Cycle Time (Note 1)
Min.
70
80
90
120
ns
tAVQV
tACC
Address to Output Delay
CE = VIL
OE = VIL
Max.
70
80
90
120
ns
tELQV
tCE
Chip Enable to Output Delay
OE = VIL
Max.
70
80
90
120
ns
tGLQV
tOE
Output Enable to Output Delay
Max.
30
30
40
50
ns
tEHQZ
tDF
Chip Enable to Output High Z
(Notes 1,3)
Max.
16
16
16
16
ns
tGHQZ
tDF
Output Enable to Output High Z
(Notes 1,3)
Max.
16
16
16
16
ns
tAXQX
tOH
Output Hold Time from Addresses,
CE or OE , Whichever Occurs First
Min.
0
ns
Read
Min.
0
ns
tOEH
Output Enable Hold
Time (Note 1)
Toggle and
Data Polling
Min.
10
ns
Notes:
1. Not 100% tested.
2. See Figure 9 and Table 14 for test specifications.
3. Measurements performed by placing a 50-ohm termination on the data pin with a bias of VCC/2. The time from
OE high to
the data bus driven to VCC/2 is taken as tDF.
Figure 11. Read Operation Timings
Addresses
Addresses Stable
CE
OE
WE
Output Valid
High-Z
Output
tRC
tOEH
tOE
tCE
High-Z
tOH
tDF
tACC
0V
RESET
RY/BY
tRH
tRH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com