Electronic Components Datasheet Search
  English  ▼

X  

A29DL323 Datasheet(PDF) 36 Page - AMIC Technology

Part # A29DL323
Description  32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29DL323 Datasheet(HTML) 36 Page - AMIC Technology

Back Button A29DL323 Datasheet HTML 32Page - AMIC Technology A29DL323 Datasheet HTML 33Page - AMIC Technology A29DL323 Datasheet HTML 34Page - AMIC Technology A29DL323 Datasheet HTML 35Page - AMIC Technology A29DL323 Datasheet HTML 36Page - AMIC Technology A29DL323 Datasheet HTML 37Page - AMIC Technology A29DL323 Datasheet HTML 38Page - AMIC Technology A29DL323 Datasheet HTML 39Page - AMIC Technology A29DL323 Datasheet HTML 40Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
A29DL32x Series
PRELIMINARY
(May, 2005, Version 0.0)
35
AMIC Technology, Corp.
Data Output
(I/O0-I/O14)
Data Output
(I/O0-I/O7)
I/O15
Output
Address Input
Data Output
(I/O0-I/O14)
Data Output
(I/O0-I/O7)
I/O15
Output
Address Input
tFHQV
tFLQZ
tELFH
tELFL
CE
OE
BYTE
I/O0-I/O14
I/O15 (A-1)
BYTE
I/O0-I/O14
I/O15 (A-1)
BYTE
Switching
from word to
byte mode
BYTE
Switching
from byte to
word mode
AC CHARACTERISTICS
Word/Byte Configuration (
BYTE )
Parameter
All Speed Options
JEDEC
Std
Description
-70
-80
-90
-120
Unit
tELFL/tELFH
CE to BYTE Switching Low or High
Max
5
ns
tFLQZ
BYTE Switching Low to Output High-Z
Max
25
25
30
30
ns
tHQV
BYTE Switching High to Output Active
Min
70
80
90
120
ns
Figure 13. BYTE Timings for Read Operations
Figure 14. BYTE Timings for Write Operations
Note:
Refer to the Erase/Program Operations table for tAS and tAH specifications.
The falling edge of the last WE signal
tHOLD(tAH)
tSET
(tAS)
CE
BYTE
WE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com