Electronic Components Datasheet Search
  English  ▼

X  

A29DL323 Datasheet(PDF) 26 Page - AMIC Technology

Part # A29DL323
Description  32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29DL323 Datasheet(HTML) 26 Page - AMIC Technology

Back Button A29DL323 Datasheet HTML 22Page - AMIC Technology A29DL323 Datasheet HTML 23Page - AMIC Technology A29DL323 Datasheet HTML 24Page - AMIC Technology A29DL323 Datasheet HTML 25Page - AMIC Technology A29DL323 Datasheet HTML 26Page - AMIC Technology A29DL323 Datasheet HTML 27Page - AMIC Technology A29DL323 Datasheet HTML 28Page - AMIC Technology A29DL323 Datasheet HTML 29Page - AMIC Technology A29DL323 Datasheet HTML 30Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
A29DL32x Series
PRELIMINARY
(May, 2005, Version 0.0)
25
AMIC Technology, Corp.
Command Definitions
Table 12. A29DL32x Command Definitions
Bus Cycles (Notes 2–5)
First
Second
Third
Fourth
Fifth
Sixth
Command
Sequence
(Note 1)
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read (Note 6)
1
RA
RD
Reset (Note 7)
1
XXX
F0
Word
555
2AA
(BA)555
Manufacturer ID
Byte
4
AAA
AA
555
55
(BA)AAA
90
(BA)X00
37
Word
555
2AA
(BA)555
(BA)X01
Device ID
Byte
4
AAA
AA
555
55
(BA)AAA
90
(BA)X02
(see
Table5)
Word
555
2AA
555
X03
Continuation ID
Byte
4
AAA
AA
555
55
AAA
90
X06
7F
Word
555
2AA
(BA)555
(SA)
Sector Protect Verify
(Note 9)
Byte
4
AAA
AA
555
55
(BA)AAA
90
(SA)X04
00/01
Word
555
2AA
555
Command Temporary
Sector Unprotect (Note15)
Byte
3
AAA
AA
555
55
AAA
77
Word
555
2AA
555
Program
Byte
4
AAA
AA
555
55
AAA
A0
PA
PD
Word
555
2AA
555
Unlock Bypass
Byte
3
AAA
AA
555
55
AAA
20
Unlock Bypass Program (Note 10)
2
XXX
A0
PA
PD
Unlock Bypass Reset (Note 11)
2
XXX
90
XXX
00
Word
555
2AA
555
555
2AA
555
Chip Erase
Byte
6
AAA
AA
555
55
AAA
80
AA A
AA
555
55
AAA
10
Word
555
2AA
55
555
80
555
2AA
Sector Erase
Byte
6
AAA
AA
555
AAA
AAA
AA
555
55
SA
30
Erase Suspend (Note 12)
1
XXX
B0
Erase Resume (Note 13)
1
XXX
30
Word
55
CFI Query (Note 14)
Byte
1
AA
98
Legend:
X = Don't care
RA = Address of the memory location to be read.
RD = Data read from location RA during read operation.
PA = Address of the memory location to be programmed. Addresses latch on the falling edge of the
WE or CE pulse,
whichever happens later.
PD = Data to be programmed at location PA. Data latches on the rising edge of
WE or CE pulse, whichever happens first.
SA = Address of the sector to be verified (in autoselect mode) or erased. Address bits A20 - A12 select a unique sector.
BA = Address of the bank that is being switched to autoselect mode, is in bypass mode, or is being erased.
Note:
1.
See Table 1 for description of bus operations.
2.
All values are in hexadecimal.
3.
Except for the read cycle and the fourth cycle of the autoselect command sequence, all bus cycles are write cycles.
4.
Data bits I/O15-I/O8 are don’t care in command sequences. Except for RD and PD.
5.
Unless otherwise noted, address bits A20-A11 are don’t cares.
6.
No unlock or command cycles required when bank is reading array data.
7. The Reset command is required to return to reading array data (or to the erase-suspend-read mode if previously in Erase
Suspend) when a bank is in the autoselect mode, or if I/O5 goes high (while the bank is providing status information).
8.
The fourth cycle of the autoselect command sequence is a read cycle. The system must provide the bank address to obtain
the manufacture ID, or device ID information. Data bits I/O15-I/O8 are don’t care. See the Autoselect Command Sequence
section for more information.
9.
The data is 00h for an unprotected sector/sector block and 01h for a protected sector/sector block.
10. The Unlock Bypass command is required prior to the Unlock Bypass Program Command.
11. The Unlock Bypass Reset command is required to return to reading array data when the bank is in the unlock bypass mode.
12. The system may read and program in non-erasing sectors, or enter the autoselect mode, when in the Erase Suspend mode.
The Erase Suspend command is valid only during a sector erase operation, and require the bank address.
13. The Erase Resume command is valid only during the Erase.
14. Command is valid when device is ready to read array data or when device is in autoselect mode.
15. Once a reset command is applied, software temporary unprotect is exit to return to read array data. But under erase
suspend condition, this command is still effective even a reset command has been applied. The reset command which can
deactivate the software temporary unprotect command is useful only after the erase command is complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com