Electronic Components Datasheet Search
  English  ▼

X  

A29DL323 Datasheet(PDF) 35 Page - AMIC Technology

Part # A29DL323
Description  32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29DL323 Datasheet(HTML) 35 Page - AMIC Technology

Back Button A29DL323 Datasheet HTML 31Page - AMIC Technology A29DL323 Datasheet HTML 32Page - AMIC Technology A29DL323 Datasheet HTML 33Page - AMIC Technology A29DL323 Datasheet HTML 34Page - AMIC Technology A29DL323 Datasheet HTML 35Page - AMIC Technology A29DL323 Datasheet HTML 36Page - AMIC Technology A29DL323 Datasheet HTML 37Page - AMIC Technology A29DL323 Datasheet HTML 38Page - AMIC Technology A29DL323 Datasheet HTML 39Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
A29DL32x Series
PRELIMINARY
(May, 2005, Version 0.0)
34
AMIC Technology, Corp.
AC CHARACTERISTICS
Hardware Reset (RESET )
Parameter
JEDEC
Std
Description
Test Setup
All Speed Options
Unit
tREADY
RESET Pin Low (During Embedded
Algorithms) to Read or Write (See Note)
Max
20
µs
tREADY
RESET Pin Low (Not During Embedded
Algorithms) to Read or Write (See Note)
Max
500
ns
tRP
RESET Pulse Width
Min
500
ns
tRH
RESET High Time Before Read (See Note)
Min
50
ns
tRB
RY/
BY Recovery Time
Min
0
ns
tRPD
RESET Low to Standby Mode
Min
20
µs
Note: Not 100% tested.
Figure 12. RESET Timings
CE, OE
RESET
tRH
tRP
tReady
Reset Timings NOT during Embedded Algorithms
RESET
tRP
Reset Timings during Embedded Algorithms
RY/BY
tRB
tReady
CE, OE
RY/BY
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com