Electronic Components Datasheet Search
  English  ▼

X  

A29DL323 Datasheet(PDF) 37 Page - AMIC Technology

Part # A29DL323
Description  32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29DL323 Datasheet(HTML) 37 Page - AMIC Technology

Back Button A29DL323 Datasheet HTML 33Page - AMIC Technology A29DL323 Datasheet HTML 34Page - AMIC Technology A29DL323 Datasheet HTML 35Page - AMIC Technology A29DL323 Datasheet HTML 36Page - AMIC Technology A29DL323 Datasheet HTML 37Page - AMIC Technology A29DL323 Datasheet HTML 38Page - AMIC Technology A29DL323 Datasheet HTML 39Page - AMIC Technology A29DL323 Datasheet HTML 40Page - AMIC Technology A29DL323 Datasheet HTML 41Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
A29DL32x Series
PRELIMINARY
(May, 2005, Version 0.0)
36
AMIC Technology, Corp.
AC CHARACTERISTICS
Erase and Program Operations
Parameter
Speed
JEDEC
Std
Description
-70
-80
-90
-120
Unit
tAVAV
tWC
Write Cycle Time (Note 1)
Min.
70
80
90
120
ns
tAVWL
tAS
Address Setup Time
Min.
0
ns
tASO
Address Setup Time to
OE low during toggle bit
polling
15
15
15
15
ns
tWLAX
tAH
Address Hold Time
Min.
45
45
45
50
ns
tAHT
Address Hold Time From
CE or OE high during
toggle bit polling
0
ns
tDVWH
tDS
Data Setup Time
Min.
35
35
45
50
ns
tWHDX
tDH
Data Hold Time
Min.
0
ns
tOEPH
Output Enable High during toggle bit polling
Min.
20
20
20
20
ns
tGHWL
tGHWL
Read Recover Time Before Write
(
OE high to WE low)
Min.
0
ns
tELWL
tCS
CE Setup Time
Min.
0
ns
tWHEH
tCH
CE Hold Time
Min.
0
ns
tWLWH
tWP
Write Pulse Width
Min.
30
30
35
50
ns
tWHDL
tWPH
Write Pulse Width High
Min.
30
30
30
30
ns
tSR/W
Latency Between Read and Write Operations
Min.
0
Byte
Typ.
5
tWHWH1
tWHWH1
Byte Programming Operation
(Note 2)
Word
Typ.
7
µs
tWHWH1
tWHWH1
Accelerated Programming Operation,
Word or Byte (Note 2)
Typ.
4
sec
tWHWH2
tWHWH2
Sector Erase Operation (Note 2)
Typ.
0.7
sec
tvcs
VCC Set Up Time (Note 1)
Min.
50
µs
tRB
Recovery Time from RY/
BY
Min
0
ns
tBUSY
Program/Erase Valid to RY/
BY Delay
Min
90
ns
Notes:
1. Not 100% tested.
2. See the "Erase and Programming Performance" section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com