Electronic Components Datasheet Search
  English  ▼

X  

THS4513 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS4513
Description  WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4513 Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS4513 Datasheet HTML 2Page - Texas Instruments THS4513 Datasheet HTML 3Page - Texas Instruments THS4513 Datasheet HTML 4Page - Texas Instruments THS4513 Datasheet HTML 5Page - Texas Instruments THS4513 Datasheet HTML 6Page - Texas Instruments THS4513 Datasheet HTML 7Page - Texas Instruments THS4513 Datasheet HTML 8Page - Texas Instruments THS4513 Datasheet HTML 9Page - Texas Instruments THS4513 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
www.ti.com
THS4513
SLOS472 – AUGUST 2005
SPECIFICATIONS; V
S+– VS– = 3 V: (continued)
Test conditions unless otherwise noted: V
S+ = 1.5 V, VS– = –1.5 V, G = 0 dB, CM = open, VO = 1 Vpp, RF = 348 Ω, RL =
200
Ω Differential, T
A = 25°C Single-Ended Input, Differential Output, Input and Output Referenced to mid-supply
TEST
PARAMETER
TEST CONDITIONS
TYP
UNIT
LEVEL(1)
OUTPUT
Maximum Output Voltage High
0.45
V
Each output with 100
Ω to mid-supply
Minimum Output Voltage Low
–0.45
V
Differential Output Voltage Swing
1.8
V
Differential Output Current Drive
RL = 10 Ω
50
mA
Output Balance Error
VO = 100 mV, f = 1 MHz
–54
dB
Closed-Loop Output Impedance
f = 1 MHz
0.3
Ω
OUTPUT COMMON-MODE VOLTAGE CONTROL
Small-Signal Bandwidth
150
MHz
Slew Rate
60
V/µs
Gain
1
V/V
Output Common-Mode Offset
–0.5 V < CM < 0.5 V
4
mV
from CM input
CM Input Bias Current
–0.5 V < CM < 0.5 V
±40
µA
C
CM Input Voltage Range
–1.5 to 1.5
V
CM Input Impedance
20 || 1
k
Ω || pF
CM Default Voltage
0
V
POWER SUPPLY
Quiescent Current
34.8
mA
Power Supply Rejection (±PSRR)
80
dB
POWERDOWN
Enable Voltage Threshold
Referenced to Vs– ,Assured on above 2.1 V + VS–
>2.1
V
Disable Voltage Threshold
Assured off below 0.7 V + VS–
<0.7
V
Powerdown Quiescent Current
0.46
mA
Input Bias Current
PD = VS–
65
µA
Input Impedance
50 || 2
k
Ω || pF
Turn-on Time Delay
Measured to output on
100
ns
Turn-off Time Delay
Measured to output off
10
µs
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com