Electronic Components Datasheet Search
  English  ▼

X  

THS4513 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # THS4513
Description  WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4513 Datasheet(HTML) 27 Page - Texas Instruments

Back Button THS4513 Datasheet HTML 23Page - Texas Instruments THS4513 Datasheet HTML 24Page - Texas Instruments THS4513 Datasheet HTML 25Page - Texas Instruments THS4513 Datasheet HTML 26Page - Texas Instruments THS4513 Datasheet HTML 27Page - Texas Instruments THS4513 Datasheet HTML 28Page - Texas Instruments THS4513 Datasheet HTML 29Page - Texas Instruments THS4513 Datasheet HTML 30Page - Texas Instruments THS4513 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
www.ti.com
VS+
CM
VSignal
VS-
RF
RF
RG
RG
RT
RO
RO
VOUT+
VOUT-
THS 4513
RS
RT
RS
VS+
VS+
RPU
RPU
2.5 V
348 W
348 W
340 W
340 W
56.2 W
V
IN
25 W
25 W
56.2 W
50 W
THS4513
0.22 f
m
To 50
Test
Equipment
W
0.1 f
m
0.1 f
m
-2.5 V
CM
1:1
6.8 pf
6.8 pf
V
OUT
0.22 f
m
0.22 f
m
50-W
Single-
Ended
AC-Coupled
Source
V S+= 3V to 5V
CM
V Signal
V S-
R F
R F
R G
R G
R T
R O
R O
V OUT+
V OUT-
THS
C
R S
R T
C
C
R S
C
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
0.1
1
10
100
1000
f - Frequency (MHz)
Low Pass Filter
THS4513 + ADS5500 Combined Performance
THS4513
SLOS472 – AUGUST 2005
Figure 80. THS4513 DC Coupled Single-Supply
with RPU Used to Set VIC
Figure 82. 60-MHz Low-Pass Filter
Figure 81 shows AC coupling to the source. Using
capacitors in series with the termination resistors
allows the amplifier to self-bias both input and output
to mid-supply.
Figure 81. THS4513 AC Coupled Single-Supply
Figure 83. Low-Pass Filter Measured
Frequency Response
One application for the THS4513 is as a unity-gain
buffer with low-pass filtering. Figure 82 shows a
circuit that is driven by an AC-coupled 50-
Ω source. A
The THS4513 is designed to be a high performance
1:1 transformer converts the differential output of the
drive amplifier for high performance data converters
THS4513 into a single-ended output capable of
like the ADS5500 14-bit 125-MSPS ADC. Figure 84
driving 50-
Ω test equipment. The circuit as shown
shows a circuit combining the two devices. The
has an overall gain of -6dB due to the voltage divider
THS4513 amplifier circuit provides 10 dB of gain,
on the device output, and has a roll-off frequency of
converts the single-ended input to differential, and
approximately 60 MHz. The measured gain versus
sets the proper input common-mode voltage to the
frequency response of the overall circuit is shown in
ADS5500. The 100-
Ω resistors and 2.7-pF capacitor
Figure 83. The low-frequency roll-off is due to losses
between the THS4513 outputs and ADS5500 inputs
in the output transformer at those frequencies.
along with the input capacitance of the ADS5500 limit
the bandwidth of the signal to 115 MHz (–3 dB). For
testing, a signal generator is used for the signal
source. The generator is an AC-coupled 50-
Ω source.
A band-pass filter is inserted in series with the input
to reduce harmonics and noise from the signal
source. Input termination is accomplished via the
69.8-
Ω resistor and 0.22-µF capacitor to ground in
conjunction with the input impedance of the amplifier
circuit. A 0.22-µF capacitor and 49.9-
Ω resistor is
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com