Electronic Components Datasheet Search
  English  ▼

X  

THS4513 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # THS4513
Description  WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4513 Datasheet(HTML) 18 Page - Texas Instruments

Back Button THS4513 Datasheet HTML 14Page - Texas Instruments THS4513 Datasheet HTML 15Page - Texas Instruments THS4513 Datasheet HTML 16Page - Texas Instruments THS4513 Datasheet HTML 17Page - Texas Instruments THS4513 Datasheet HTML 18Page - Texas Instruments THS4513 Datasheet HTML 19Page - Texas Instruments THS4513 Datasheet HTML 20Page - Texas Instruments THS4513 Datasheet HTML 21Page - Texas Instruments THS4513 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
www.ti.com
1
10
100
1000
f - Frequency - MHz
-120
-110
-100
-90
-80
-70
-60
-50
-40
Gain = 6 dB,
V
= 1 V
OD
PP
R = 1 k
L
W
R = 200
L
W
R =100
L
W
R = 500
L
W
-100
-90
-80
-70
-60
-50
-40
1
10
100
100
f - Frequency - MHz
Gain = 6 dB
V
= 1 V
,
OD
PP
R = 500
L
W
R = 100
L
W
R = 200
L
R = 1 k
L
W
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
0
0.5
1
1.5
2
2.5
Gain = 0 dB,
R = 200
L
W
f = 150 MHz
f = 100 MHz
f = 64 MHz
f = 32 MHz
f = 8 MHz
f = 16 MHz
V
- Output Voltage - V
OD
PP
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
0
0.5
1
1.5
2
2.5
Gain = 0 dB,
R = 200
L
W
f = 150 MHz
f = 8 MHz
f = 100 MHz
f = 64 MHz
f = 32 MHz
f = 16 MHz
V
- Output Voltage - V
OD
PP
-140
-120
-100
-80
-60
-40
-20
0
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
V
- Output Common-mode Voltage - V
CM
f=100MHZ
f=150MHZ
f=8MHZ
f=1MHZ
f=64MHZ
f=32MHZ
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
V
- O u t p u t C o m m o n - m o d e Vo l t a g e - V
C M
f = 100 MHz
f = 150 MHz
f = 64 MHz
f = 1 MHz
f = 32 MHz
f = 8 MHz
THS4513
SLOS472 – AUGUST 2005
HD2 vs FREQUENCY
HD3 vs FREQUENCY
Figure 45.
Figure 46.
HD2 vs OUTPUT VOLTAGE
HD3 vs OUTPUT VOLTAGE
Figure 47.
Figure 48.
HD2 vs OUTPUT COMMON-MODE VOLTAGE
HD3 vs OUTPUT COMMON-MODE VOLTAGE
Figure 49.
Figure 50.
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com