Electronic Components Datasheet Search
  English  ▼

X  

THS4513 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # THS4513
Description  WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4513 Datasheet(HTML) 14 Page - Texas Instruments

Back Button THS4513 Datasheet HTML 10Page - Texas Instruments THS4513 Datasheet HTML 11Page - Texas Instruments THS4513 Datasheet HTML 12Page - Texas Instruments THS4513 Datasheet HTML 13Page - Texas Instruments THS4513 Datasheet HTML 14Page - Texas Instruments THS4513 Datasheet HTML 15Page - Texas Instruments THS4513 Datasheet HTML 16Page - Texas Instruments THS4513 Datasheet HTML 17Page - Texas Instruments THS4513 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
www.ti.com
20
25
30
35
40
1
1.5
2
2.5
±V - Supply Voltage- V
S
T
= 25°C
A
0
100
200
300
400
500
600
700
800
900
1000
0
0.5
1
1.5
2
2.5
±V - Supply Voltage- V
S
T
= 25°C
A
0.01
0.1
1
10
100
0.1
1
10
100
1000
f
− Frequency − MHz
-60
-55
-50
-45
-40
-35
-30
-25
-20
0.1
1
10
100
1000
f- Frequency -MHz
R = 200
V
= 500 mVpp
L
OD
W
-250
-200
-150
-100
-50
0
50
100
150
-3
-2
-1
0
1
2
3
CM INPUT VOLTAGE - V
-4
-3
-2
-1
0
1
2
0.1
1
10
100
1000
f - Frequency- MHz
THS4513
SLOS472 – AUGUST 2005
QUIESCENT CURRENT vs SUPPLY VOLTAGE
POWERDOWN QUIESCENT CURRENT
vs SUPPLY VOLTAGE
Figure 31.
Figure 32.
OUTPUT BALANCE ERROR RESPONSE vs FREQUENCY
CM INPUT IMPEDANCE vs FREQUENCY
Figure 33.
Figure 34.
CM SMALL SIGNAL FREQUENCY RESPONSE
CM INPUT BIAS CURRENT vs CM INPUT VOLTAGE
Figure 35.
Figure 36.
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com