Electronic Components Datasheet Search
  English  ▼

X  

THS4513 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # THS4513
Description  WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4513 Datasheet(HTML) 23 Page - Texas Instruments

Back Button THS4513 Datasheet HTML 19Page - Texas Instruments THS4513 Datasheet HTML 20Page - Texas Instruments THS4513 Datasheet HTML 21Page - Texas Instruments THS4513 Datasheet HTML 22Page - Texas Instruments THS4513 Datasheet HTML 23Page - Texas Instruments THS4513 Datasheet HTML 24Page - Texas Instruments THS4513 Datasheet HTML 25Page - Texas Instruments THS4513 Datasheet HTML 26Page - Texas Instruments THS4513 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
www.ti.com
TEST CIRCUITS
Output Measured
Here With High
Impedance
Differential Probe
THS4513
CM
VIN
RF
RF
RG
RG
RIT
RIT
From
50
Ω
Source
VS+
VS−
49.9
Ω
49.9
Ω
100
Ω
0.22
µF
49.9
Ω
0.22
µF
Open
Distortion and 1dB Compression
Frequency Response
THS 4513
CM
From
50
Ω
Source
VIN
0.22
µF
49.9
Ω
VOUT
Open
To 50
Ω
Test
Equipment
RG
RIT
RG
RIT
RF
VS+
VS−
RO
RO
ROT
0.22
µF
1:1
RF
THS4513
SLOS472 – AUGUST 2005
The output is probed using a high-impedance differ-
ential probe across the 100-
Ω resistor. The gain is
The THS4513 is tested with the following test circuits
referred to the amplifier output by adding back the
built on the EVM. For simplicity, power supply de-
6-dB loss due to the voltage divider on the output.
coupling is not shown – see layout in the applications
section for recommendations. Depending on the test
conditions, component values are changed per the
following tables, or as otherwise noted. The signal
generators used are ac coupled 50-
Ω sources and a
0.22-µF capacitor and a 49.9-
Ω resistor to ground are
inserted across RIT on the alternate input to balance
the circuit. A split power supply is used to ease the
interface to common test equipment, but the amplifier
can be operated single-supply as described in the
applications section with no impact on performance.
Figure 71. Frequency Response Test Circuit
Table 1. Gain Component Values
GAIN
RF
RG
RIT
0 dB
348
Ω
340
Ω
56.2
Ω
The circuit shown in Figure 72 is used to measure
6 dB
348
Ω
66.5
Ω
61.4
Ω
harmonic distortion, intermodulation distortion, and
1-db compression point of the amplifier.
Note the gain setting includes 50-
Ω source im-
pedance. Components are chosen to achieve gain
A signal generator is used as the signal source and
and 50-
Ω input termination.
the output is measured with a spectrum analyzer. The
output impedance of the signal generator is 50
Ω. R
IT
Table 2. Load Component Values
and RG are chosen to impedance-match to 50 Ω, and
to maintain the proper gain. To balance the amplifier,
RL
RO
ROT
Atten.
a 0.22-µF capacitor and 49.9-
Ω resistor to ground are
100
Ω
25
Ω
open
6 dB
inserted across RIT on the alternate input.
200
Ω
86.6
Ω
69.8
Ω
16.8 dB
A low-pass filter is inserted in series with the input to
499
Ω
237
Ω
56.2
Ω
25.5 dB
reduce harmonics generated at the signal source.
1k
Ω
487
Ω
52.3
Ω
31.8 dB
The level of the fundamental is measured, then a
high-pass filter is inserted at the output to reduce the
Note the total load includes 50-
Ω termination by
fundamental so that it does not generate distortion in
the test equipment. Components are chosen to
the input of the spectrum analyzer.
achieve load and 50-
Ω line termination through a
1:1 transformer.
The transformer used in the output to convert the
signal
from
differential
to
single
ended
is
an
Due to the voltage divider on the output formed by
ADT1-1WT. It limits the frequency response of the
the load component values, the amplifier's output is
circuit so that measurements cannot be made below
attenuated. The column Atten in Table 2 shows the
approximately 1MHz.
attenuation expected from the resistor divider. When
using a transformer at the output as shown in
Figure 72, the signal will see slightly more loss, and
these numbers will be approximate.
The circuit shown in Figure 71 is used to measure the
frequency response of the circuit.
A network analyzer is used as the signal source and
as the measurement device. The output impedance
of the network analyzer is 50
Ω. R
IT and RG are
Figure 72. Distortion Test Circuit
chosen to impedance match to 50
Ω, and to maintain
the proper gain. To balance the amplifier, a 0.22-µF
The 1-dB compression point is measured with a
capacitor and 49.9-
Ω resistor to ground are inserted
spectrum analyzer with 50-
Ω double termination or
across RIT on the alternate input.
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com