Electronic Components Datasheet Search
  English  ▼

X  

THS4513 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # THS4513
Description  WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4513 Datasheet(HTML) 16 Page - Texas Instruments

Back Button THS4513 Datasheet HTML 12Page - Texas Instruments THS4513 Datasheet HTML 13Page - Texas Instruments THS4513 Datasheet HTML 14Page - Texas Instruments THS4513 Datasheet HTML 15Page - Texas Instruments THS4513 Datasheet HTML 16Page - Texas Instruments THS4513 Datasheet HTML 17Page - Texas Instruments THS4513 Datasheet HTML 18Page - Texas Instruments THS4513 Datasheet HTML 19Page - Texas Instruments THS4513 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
www.ti.com
TYPICAL AC PERFORMANCE: V
S+– VS– = 3 V
THS4513
SLOS472 – AUGUST 2005
Test conditions unless otherwise noted: V
S+ = +1.5 V, VS– = –1.5V, CM = open, VOD = 1 Vpp, RF = 348 Ω, RL = 200 Ω
Differential, G = 0 dB, Single-Ended Input, Input and Output Referenced to Midsuply
G = 0 dB, VOD = 100 mVPP
Figure 39
Small-Signal Frequency Response
G = 6 dB, VOD = 100 mVPP
Figure 40
G = 0 dB, VOD = 1 VPP
Figure 41
Large Signal Frequency Response
G = 6 dB, VOD = 1 VPP
Figure 42
HD2, G = 0 dB, VOD = 1 VPP
vs Frequency
Figure 43
HD3, G = 0 dB, VOD = 1 VPP
vs Frequency
Figure 44
HD2, G = 6 dB, VOD = 1 VPP
vs Frequency
Figure 45
HD3, G = 6 dB, VOD = 1 VPP
vs Frequency
Figure 46
Harmonic
Distortion
HD2, G = 0 dB
vs Output Voltage
Figure 47
HD3, G = 0 dB
vs Output Voltage
Figure 48
HD2, G = 0 dB
vs CM Output Voltage
Figure 49
HD3, G = 0 dB
vs CM Output Voltage
Figure 50
IMD2, G = 0 dB
vs Frequency
Figure 51
Intermodulation
Distortion
IMD3, G = 0 dB
vs Frequency
Figure 52
OIP2
vs Frequency
Figure 53
Ouput Intercept Point
OIP3
vs Frequency
Figure 54
S-Parameters
vs Frequency
Figure 55
Transition Rate
vs Output Voltage
Figure 56
Transient Response
Figure 57
Settling Time
Figure 58
Output Voltage Swing
vs Load Resistance
Figure 59
Rejection Ratio
vs Frequency
Figure 60
Overdrive Recovery
Figure 61
Output Impedance
vs Frequency
Figure 62
Turn-Off Time
Figure 63
Turn-On Time
Figure 64
Ouput Balance Error
vs Frequency
Figure 65
Noise Figure
vs Frequency
Figure 66
CM Small-Signal Frequency Response
Figure 67
CM Input Impedance
vs Frequency
Figure 68
Differential Output Offset Voltage
vs CM Input Voltage
Figure 69
Output Common-Mode Offset
vs CM Input Voltage
Figure 70
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com