Electronic Components Datasheet Search
  English  ▼

X  

THS4513 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # THS4513
Description  WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4513 Datasheet(HTML) 12 Page - Texas Instruments

Back Button THS4513 Datasheet HTML 8Page - Texas Instruments THS4513 Datasheet HTML 9Page - Texas Instruments THS4513 Datasheet HTML 10Page - Texas Instruments THS4513 Datasheet HTML 11Page - Texas Instruments THS4513 Datasheet HTML 12Page - Texas Instruments THS4513 Datasheet HTML 13Page - Texas Instruments THS4513 Datasheet HTML 14Page - Texas Instruments THS4513 Datasheet HTML 15Page - Texas Instruments THS4513 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
www.ti.com
-2
-1.75
-1.5
-1.25
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
250 ps / div
t - Time
R = 200
V
= 2 Vpp
L
OD
W
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
1
2
3
4
5
6
7
8
9
10
t - Time - ns
V
= 2 Vpp
R = 200
OD
L
W
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
f - Frequency - MHz
CMRR
PSRR+
R = 200
L
W
PSRR-
0.1
1
10
100
0.1
1
10
100
1000
f - Frequency- MHz
0
1
2
3
4
5
6
7
0
500
1000
1500
2000
R - Load Resistance -
L
W
-4
-3
-2
-1
0
1
2
3
4
0
0.2
0.4
0.6
0.8
t - Time - s
m
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
Input
R = 200
V = 5 V
L
S
W
Output
THS4513
SLOS472 – AUGUST 2005
TRANSIENT RESPONSE
SETTLING TIME
Figure 19.
Figure 20.
REJECTION RATIO vs FREQUENCY
OUTPUT IMPEDANCE vs FREQUENCY
Figure 21.
Figure 22.
OVERDRIVE RECOVERY
OUTPUT VOLTAGE SWING vs LOAD RESISTANCE
Figure 23.
Figure 24.
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com