Electronic Components Datasheet Search
  English  ▼

X  

THS4513 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # THS4513
Description  WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4513 Datasheet(HTML) 28 Page - Texas Instruments

Back Button THS4513 Datasheet HTML 24Page - Texas Instruments THS4513 Datasheet HTML 25Page - Texas Instruments THS4513 Datasheet HTML 26Page - Texas Instruments THS4513 Datasheet HTML 27Page - Texas Instruments THS4513 Datasheet HTML 28Page - Texas Instruments THS4513 Datasheet HTML 29Page - Texas Instruments THS4513 Datasheet HTML 30Page - Texas Instruments THS4513 Datasheet HTML 31Page - Texas Instruments THS4513 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
www.ti.com
THS4513 + ADS5424 Combined Performance
2.7 pF
0.1 F
m
14
-bit,
125 MSPS
A IN +
A IN - CM
ADS5500
4 V
THS 4513
CM
348 W
348 W
340 W
340 W
56.2 W
VIN
From
50-
source
W
100 W
100 W
-1 V
56.2 W
.
49.9 W
0.22 F
m
49.9 W
0.22 F
m
0.22 F
m
0.1 F
m
.
2 7 pF
0.1 F
m
14 -bit,
105 MSPS
A IN+
A IN
–
VBG
ADS 5424
5 V
THS4513
CM
348 W
348 W
340 W
340
VIN
From
50-
source
W
225 W
225 W
56.2 W
56.2 W
49.9 W
49 .9 W
0.22 F
m
0.22 F
m
0.1 F
m
0.22 F
m
THS4513
SLOS472 – AUGUST 2005
inserted to ground across the 69.8-
Ω resistor and
0.22-µF capacitor on the alternate input to balance
the circuit. Gain is a function of the source im-
pedance, termination, and 348-
Ω feedback resistor.
Refer to Table 3 for component values to set proper
50-
Ω termination for other common gains. A split
power supply of +4V and -1V is used to set the input
and output common-mode voltages to approximately
mid-supply while setting the input common-mode of
the ADS5500 to the recommended +1.55V. This
maintains maximum headroom on the internal transis-
tors of the THS4513 to insure optimum performance.
Figure 85. THS4513 + ADS5500 2-Tone FFT with
65 MHz and 70 MHz Input
Figure 86 shows the THS4513 driving the ADS5424
Figure 84. THS4513 + ADS5500 Circuit
ADC.
As before, the THS4513 amplifier provides 10 dB of
Figure 85 shows the 2-tone FFT of the THS4513 +
gain, converts the single-ended input to differential,
ADS5500 circuit with 65 MHz and 70 MHz input
and sets the proper input common-mode voltage to
frequencies. The SFDR is 90 dBc.
the ADS5424. Input termination and circuit testing is
the same as described above for the THS4513 +
ADS5500 circuit.
The 225-
Ω resistors and 2.7-pF capacitor between
the THS4513 outputs and ADS5424 inputs (along
with the input capacitance of the ADC) limit the
bandwidth of the signal to about 100MHz (-3dB).
Since the ADS5424s recommended input com-
mon-mode voltage is 2.4 V, the THS4513 is operated
from a single power supply input with VS+ = 5 V and
VS– = 0 V (ground).
Figure 86. THS4513 + ADS5424 Circuit
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com