Electronic Components Datasheet Search
  English  ▼

X  

THS4513 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # THS4513
Description  WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4513 Datasheet(HTML) 26 Page - Texas Instruments

Back Button THS4513 Datasheet HTML 22Page - Texas Instruments THS4513 Datasheet HTML 23Page - Texas Instruments THS4513 Datasheet HTML 24Page - Texas Instruments THS4513 Datasheet HTML 25Page - Texas Instruments THS4513 Datasheet HTML 26Page - Texas Instruments THS4513 Datasheet HTML 27Page - Texas Instruments THS4513 Datasheet HTML 28Page - Texas Instruments THS4513 Datasheet HTML 29Page - Texas Instruments THS4513 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
www.ti.com
(
)
W
-
-
=
-
+
k
50
V
V
V
2
I
S
S
CM
EXT
(2)
V
OUT-
V
S+
R
F
R
F
R
G
R
G
R
T
G=1
R
O
R
O
R
T
R
S
V
SIGNAL
R
S
V
S-
V
OUT+
V
CM
V
CM
V
BIAS
= V
CM
V
CM
V
CM
+
-
Wideband
CM
THS4513
Buffer
V
S+
CM
V
S
–
50 kW
to internal
CM circuit
I
EXT
50 kW
(
)
÷÷
ø
ö
çç
è
æ
+
-
÷÷
ø
ö
çç
è
æ
-
=
+
F
IN
IC
F
CM
S
IC
PU
R
1
R
1
V
R
1
V
V
V
R
(3)
Single-Supply Operation (3V to 5V)
THS4513
SLOS472 – AUGUST 2005
formance, but it is intended to be a DC bias input pin.
Bypass capacitors are recommended on this pin to
reduce noise at the output. The external current
required to overdrive the internal resistor divider is
given by Equation 2:
where VCM is the voltage applied to the CM pin.
Figure 79. THS4513 DC Coupled Single-Supply
with Input Biased to VCM
In Figure 80 the source is referenced to ground and
so is the input termination resistor. RPU is added to
the circuit to avoid violating the VICR of the op amp.
The proper value of resistor to add can be calculated
from Equation 3:
Figure 78. CM Input Circuit
VIC is the desire input common-mode voltage, VCM =
To facilitate testing with common lab equipment, the
CM, and RIN = RG+ RS||RT. To set to mid-supply,
THS4513 EVM allows split-supply operation, and the
make the value of RPU = RG+ RS||RT.
characterization data presented in this data sheet
Table 3 is a modification of Table 1 to add the proper
was taken with split-supply power inputs. The device
values with RPU assuming a 50 Ω source impedance
can easily be used with a single-supply power input
and setting the input and output common-mode
without degrading the performance. Figure 79, Fig-
voltage to mid-supply.
ure 80, and Figure 81 show DC and AC-coupled
single-supply circuits with single-ended inputs. These
There are two drawbacks to this configuration. One is
configurations all allow the input and output com-
it requires additional current from the power supply.
mon-mode voltage to be set to mid-supply allowing
Using the values shown for a gain of 0 dB requires 14
for optimum performance. The information presented
mA more current with 5 V supply, and 8.2 mA more
here can also be applied to differential input sources.
current with 3 V supply.
In Figure 79, the signal source is referenced to a
The other drawback is this configuration also in-
voltage derived from the CM pin via a unity-gain
creases the noise gain of the circuit. In the 10 dB
wideband buffer such as the BUF602. VCM is set to
gain case, noise gain increases by a factor of 1.5.
mid-supply by THS4513 internal circuitry. RT along
with the input impedance of the amplifier provides
Table 3. RPU Values for Various Gains
input termination, which is also referenced to VCM.
Gain
RF
RG
RIT
RPU
Note that RS and RT are added to the alternate input
0 dB
348
Ω
340
Ω
56.2
Ω
365
Ω
from the signal input to balance the amplifier. Alter-
6 dB
348
Ω
168
Ω
64.9
Ω
200
Ω
nately, one resistor can be used equal to the com-
bined value RG+ RS||RT on this input. This is also true
of the circuits shown in Figure 80 and Figure 81.
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com