Electronic Components Datasheet Search
  English  ▼

X  

THS4513 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # THS4513
Description  WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4513 Datasheet(HTML) 25 Page - Texas Instruments

Back Button THS4513 Datasheet HTML 21Page - Texas Instruments THS4513 Datasheet HTML 22Page - Texas Instruments THS4513 Datasheet HTML 23Page - Texas Instruments THS4513 Datasheet HTML 24Page - Texas Instruments THS4513 Datasheet HTML 25Page - Texas Instruments THS4513 Datasheet HTML 26Page - Texas Instruments THS4513 Datasheet HTML 27Page - Texas Instruments THS4513 Datasheet HTML 28Page - Texas Instruments THS4513 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
www.ti.com
APPLICATION INFORMATION
APPLICATIONS
Differential Input to Differential Output Amplifier
VS
Single-Ended
Input
VS
RF
RF
RG
RG
THS 4513
Differential
Output
V
OUT+
V
OUT–
+
–
–
+
Input Common-Mode Voltage Range
R
F
V
OUT+
V
OUT–
V
S+
V
IN–
V
S–
R
F
R
G
R
G
V
IN+
THS4513
Differential
Input
Differential
Output
+
–
–
+
÷
÷
ø
ö
ç
ç
è
æ
+
´
+
÷
÷
ø
ö
ç
ç
è
æ
+
´
=
-
+
F
G
F
IN
F
G
G
OUT
IC
R
R
R
V
R
R
R
V
V
(1)
Single-Ended Input to Differential Output Ampli-
Setting the Output Common-Mode Voltage
THS4513
SLOS472 – AUGUST 2005
The following circuits show application information for
the THS4513. For simplicity, power supply decoupling
capacitors are not shown in these diagrams. Please
see the SubSec2 0.1 section for recommendations.
For more detail on the use and operation of fully
differential op amps refer to
application
report
Fully-Differential Amplifiers (SLOA054) .
The THS4513 is a fully differential op amp, and can
be used to amplify differential input signals to differ-
Figure 77. Single-Ended Input to Differential
ential output signals. A basic block diagram of the
Output Amplifier
circuit is shown in Figure 76 (CM input not shown).
The gain of the circuit is set by RF divided by RG.
The input common-model voltage of a fully differential
op amp is the voltage at the '+' and '–' input pins of
the op amp.
It is important to not violate the input common-mode
voltage range (VICR) of the op amp. Assuming the op
amp is in linear operation the voltage across the input
pins is only a few millivolts at most. So finding the
voltage at one input pin will determine the input
common-mode voltage of the op amp.
Treating the negative input as a summing node, the
voltage is given by Equation 1:
Figure 76. Differential Input to Differential Ouput
Amplifier
To determine the VICR of the op amp, the voltage at
the negative input is evaluated at the extremes of
Depending on the source and load, input and output
VOUT+.
termination can be accomplished by adding RIT and
RO.
As the gain of the op amp increases, the input
common-mode voltage becomes closer and closer to
the input common-mode voltage of the source.
fier
The THS4513 can be used to amplify and convert
single-ended input signals to differential output sig-
The output common-mode voltage is set by the
nals. A basic block diagram of the circuit is shown in
voltage at the CM pin(s). The internal common-mode
Figure 77 (CM input not shown). The gain of the
control circuit maintains the output common-mode
circuit is again set by RF divided by RG.
voltage within 3-mV offset (typ) from the set voltage,
when set within 0.5 V of mid-supply, with less than
4mV differential offset voltage. If left unconnected,
the common-mode set point is set to mid-supply by
internal circuitry, which may be over-driven from an
external source. Figure 78 is representative of the
CM input. The internal CM circuit has about 700 MHz
of –3-dB bandwidth, which is required for best per-
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com