Electronic Components Datasheet Search
  English  ▼

X  

THS4513 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # THS4513
Description  WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4513 Datasheet(HTML) 29 Page - Texas Instruments

Back Button THS4513 Datasheet HTML 25Page - Texas Instruments THS4513 Datasheet HTML 26Page - Texas Instruments THS4513 Datasheet HTML 27Page - Texas Instruments THS4513 Datasheet HTML 28Page - Texas Instruments THS4513 Datasheet HTML 29Page - Texas Instruments THS4513 Datasheet HTML 30Page - Texas Instruments THS4513 Datasheet HTML 31Page - Texas Instruments THS4513 Datasheet HTML 32Page - Texas Instruments THS4513 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
www.ti.com
Layout Recommendations
0.144
0.0195
0.144
0.010
vias
Pin 1
Top View
0.012
0.030
0.0705
0.015
0.0095
0.049
0.032
0.0245
THS4513
SLOS472 – AUGUST 2005
8. A single-point connection to ground on L2 is
recommended for the input termination resistors
It is recommended to follow the layout of the external
R1 and R2. This should be applied to the input
components near the amplifier, ground plane con-
gain resistors if termination is not used.
struction, and power routing of the EVM as closely as
9. The THS4513 recommended PCB footprint is
possible. General guidelines are:
shown in Figure 87.
1. Signal routing should be direct and as short as
possible into and out of the opamp circuit.
2. The feedback path should be short and direct
avoiding vias.
3. Ground or power planes should be removed from
directly under the amplifier’s input and output
pins.
4. An output resistor is recommended on each
output, as near to the output pin as possible.
5. Two 10-µF and two 0.1-µF power-supply decoup-
ling capacitors should be placed as near to the
power-supply pins as possible.
6. Two 0.1-µF capacitors should be placed between
the CM input pins and ground. This limits noise
coupled into the pins. One each should be placed
to ground near pin 4 and pin 9.
7. It is recommended to split the ground pane on
layer 2 (L2) as shown below and to use a solid
ground on layer 3 (L3). A single-point connection
Figure 87. QFN Etch and Via Pattern
should be used between each split section on L2
and L3.
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com