Electronic Components Datasheet Search
  English  ▼

X  

THS4513 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # THS4513
Description  WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4513 Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS4513 Datasheet HTML 7Page - Texas Instruments THS4513 Datasheet HTML 8Page - Texas Instruments THS4513 Datasheet HTML 9Page - Texas Instruments THS4513 Datasheet HTML 10Page - Texas Instruments THS4513 Datasheet HTML 11Page - Texas Instruments THS4513 Datasheet HTML 12Page - Texas Instruments THS4513 Datasheet HTML 13Page - Texas Instruments THS4513 Datasheet HTML 14Page - Texas Instruments THS4513 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
www.ti.com
-100
-90
-80
-70
-60
-50
-40
-30
0
50
100
150
200
f - Frequency - MHz
V
= 2 Vpp Envelope
OD
200 kHz Tone Spacing
R
L = 100 W
R = 1k
L
W
R
L = 200 W
-110
-100
-90
-80
-70
-60
0
50
100
150
200
f - Frequency - MHz
V
= 2 Vpp Envelope
OD
200 kHz Tone Spacing
R = 1K
L
W
R = 100
L
W
R = 200
L
W
45
55
65
75
85
95
0
50
100
150
200
f - Frequency - MHz
V
= 2 Vpp Envelope
OD
200 kHz Tone Spacing
R = 100
L
W
35
40
45
50
30
0
50
100
150
200
f - Frequency - MHz
V
= 2 Vpp Envelope
OD
200 kHz Tone Spacing
R = 100
L
W
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
0.1
1
10
100
1000
f - Frequency - MHz
S11
S12
S22
S21
0
1000
2000
3000
4000
5000
6000
0
0.5
1
1.5
2
2.5
3
V
- Output Voltage - Vpp
OD
R = 200
L
W
Rising
Falling
THS4513
SLOS472 – AUGUST 2005
IMD2 vs FREQUENCY
IMD3 vs FREQUENCY
Figure 13.
Figure 14.
OIP2 vs FREQUENCY
OIP3 vs FREQUENCY
Figure 15.
Figure 16.
S-PARAMETERS vs FREQUENCY
TRANSITION RATE vs OUTPUT VOLTAGE
Figure 17.
Figure 18.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com