Electronic Components Datasheet Search
  English  ▼

X  

THS4513 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # THS4513
Description  WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4513 Datasheet(HTML) 17 Page - Texas Instruments

Back Button THS4513 Datasheet HTML 13Page - Texas Instruments THS4513 Datasheet HTML 14Page - Texas Instruments THS4513 Datasheet HTML 15Page - Texas Instruments THS4513 Datasheet HTML 16Page - Texas Instruments THS4513 Datasheet HTML 17Page - Texas Instruments THS4513 Datasheet HTML 18Page - Texas Instruments THS4513 Datasheet HTML 19Page - Texas Instruments THS4513 Datasheet HTML 20Page - Texas Instruments THS4513 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
www.ti.com
0
1
2
3
4
5
6
7
10
100
1000
10000
f- Frequency -MHz
Gain = 6dB
V =
O
100 mVpp
R = 100
L
W
R = 1K
L
W
R = 500
L
W
R = 200
L
W
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
0.1
1
10
100
1000
10000
f- Frequency -MHz
Gain = 0 dB
V
OD = 100 mVpp
RL = 1K
RL = 500
RL = 200
W
W
W
R = 100
L
W
0
1
2
3
4
5
6
7
8
10
100
1000
10000
f - Frequency - MHz
Gain = 6 dB
V
= 1 V
OD
PP
R = 1 k
R = 500
L
L
W
W
R = 100
L
W
R = 200
L
W
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
0.1
1
10
100
1000
10000
f- Frequency - MHz
R = 1 k
R = 500
R = 200
L
L
W
W
W
L
R = 100
L
W
Gain = 0 dB
V
= 1 V
O
PP
-100
-90
-80
-70
-60
-50
-40
1
10
100
1000
f - Frequency - MHz
Gain = 0 dB,
V
= 1 V
OD
PP
R = 500
L
W
R = 100
L
W
R = 200
L
W
R = 1 k
L
W
-120
-110
-100
-90
-80
-70
-60
-50
-40
1
10
100
1000
f - Frequency - MHz
Gain = 0 dB
V
= 1 V
OD
PP
R = 1 k
L
W
R = 100
L
W
R = 200
L
W
R = 500
L
W
THS4513
SLOS472 – AUGUST 2005
SMALL SIGNAL FREQUENCY RESPONSE
SMALL SIGNAL FREQUENCY RESPONSE
Figure 39.
Figure 40.
LARGE SIGNAL FREQUENCY RESPONSE
LARGE SIGNAL FREQUENCY RESPONSE
Figure 41.
Figure 42.
HD2 vs FREQUENCY
HD3 vs FREQUENCY
Figure 43.
Figure 44.
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com