Electronic Components Datasheet Search
  English  ▼

X  

THS4513 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # THS4513
Description  WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4513 Datasheet(HTML) 24 Page - Texas Instruments

Back Button THS4513 Datasheet HTML 20Page - Texas Instruments THS4513 Datasheet HTML 21Page - Texas Instruments THS4513 Datasheet HTML 22Page - Texas Instruments THS4513 Datasheet HTML 23Page - Texas Instruments THS4513 Datasheet HTML 24Page - Texas Instruments THS4513 Datasheet HTML 25Page - Texas Instruments THS4513 Datasheet HTML 26Page - Texas Instruments THS4513 Datasheet HTML 27Page - Texas Instruments THS4513 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
www.ti.com
S-Parameter, Slew Rate, Transient Response, Set-
VS+
CM
VIN
From
source
VS
–
49.9 W
0.22 F
m
RF
RF
RG
RG
RIT
RIT
VOUT+
VOUT
–
To
50-ohm
Test
Equipment
RCMT
RCM
THS4513
50-ohm
49.9 W
0.22 F
m
49.9 W
49.9 W
CMRR and PSRR
THS 4513
CM
VIN
RF
RF
RG
RG
RIT
RIT
From
50
Ω
Source
0.22
µF
49.9
Ω
VOUT+
Open
To 50
Ω
Test
Equipment
VS+
VS−
0.22
µF
VOUT−
49.9
Ω
49.9
Ω
From
50
Ω
Source
THS4513
CM
VIN
CMRR
PSRR+
PSRR−
VS+
VS−
VS+
VS−
100
Ω
100
Ω
69.8
Ω
348
Ω
348
Ω
49.9
Ω
49.9
Ω
Open
0.22
µF
100
Ω
Output
Measured
Here
With High
Impedance
Differential
Probe
CM Input
THS4513
SLOS472 – AUGUST 2005
100-
Ω termination as shown in Table 2. The input
at VOUT+ or VOUT– with the input injected at VIN, RCM =
power is increased until the output is 1 dB lower than
0
Ω and R
CMT = 49.9 Ω. The input impedance is
expected. The number reported in the table data is
measured with RCM = 49.9 Ω with RCMT = open, and
the power delivered to the spectrum analyzer input.
calculated by measuring the voltage drop across RCM
Add 3 dB to refer to the amplifier output.
to determine the input current.
tling Time, Output Impedance, Overdrive, Output
Voltage, and Turn-On/Off Time
The circuit shown in Figure 73 is used to measure
s-parameters, slew rate, transient response, settling
time, output impedance, overdrive recovery, output
voltage swing, and turn-on/turn-off times of the ampli-
fier. For output impedance, the signal is injected at
VOUT with VIN left open and the drop across the 49.9
Ω resistor is used to calculate the impedance seen
looking into the amplifier’s output.
Figure 74. CM Input Test Circuit
Because S21 is measured single-ended at the load
with 50-
Ω double termination, add 12 dB to refer to
the amplifier’s output as a differential signal.
The circuit shown in Figure 75 is used to measure the
CMRR and PSRR of VS+ and VS–. The input is
switched appropriately to match the test being per-
formed.
Figure 73. S-Parameter, SR, Transient Response,
Settling Time, ZO, Overdrive Recovery, VOUT
Swing, and Turn-on/off Test Circuit
Figure 75. CMRR and PSRR Test Circuit
The circuit shown in Figure 74 is used to measure the
frequency response and input impedance of the CM
input. Frequency response is measured single-ended
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com