Electronic Components Datasheet Search
  English  ▼

X  

TMS320UC5405 Datasheet(PDF) 32 Page - Texas Instruments

Part # TMS320UC5405
Description  Fixed-Point Digital Signal Processor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320UC5405 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMS320UC5405 Datasheet HTML 28Page - Texas Instruments TMS320UC5405 Datasheet HTML 29Page - Texas Instruments TMS320UC5405 Datasheet HTML 30Page - Texas Instruments TMS320UC5405 Datasheet HTML 31Page - Texas Instruments TMS320UC5405 Datasheet HTML 32Page - Texas Instruments TMS320UC5405 Datasheet HTML 33Page - Texas Instruments TMS320UC5405 Datasheet HTML 34Page - Texas Instruments TMS320UC5405 Datasheet HTML 35Page - Texas Instruments TMS320UC5405 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 77 page
background image
Functional Overview
32
October 2002 − Revised October 2004
SPRS199B
Table 3−6. DMA Interrupts
MODE
DINM
INTERRUPT
ABU (non-decrement)
1
0
At full buffer only
ABU (non-decrement)
1
1
At half buffer and full buffer
Multi-Frame
1
0
At block transfer complete (DMCTRx = DMSEFCx[7:0] = 0)
Multi-Frame
1
1
At end of frame and end of block (DMCTRx = 0)
Either
0
X
No interrupt generated
Either
0
X
No interrupt generated
3.2.5.10 DMA Controller Synchronization Events
The transfers associated with each DMA channel can be synchronized to one of several events. The DSYN
bit field of the DMA channel x sync select and frame count (DMSFCx) register selects the synchronization
event for a channel. The list of possible events and the DSYN values are shown in Table 3−7.
Table 3−7. DMA Synchronization Events
DSYN VALUE
DMA SYNCHRONIZATION EVENT
0000b
No synchronization used
0001b
McBSP0 receive event
0010b
McBSP0 transmit event
0011−0100b
Reserved
0101b
McBSP1 receive event
0110b
McBSP1 transmit event
0111b−0110b
Reserved
1101b
Timer0 interrupt
1110b
External interrupt 3
1111b
Timer1 interrupt
3.2.5.11
DMA Channel Interrupt Selection
The DMA controller can generate a CPU interrupt for each of the six channels. However, the interrupt sources
for channels 0,1, 2, and 3 are multiplexed with other interrupt sources. DMA channels 2 and 3 share an interrupt
line with the receive and transmit portions of McBSP1 (IMR/IFR bits 10 and 11), and DMA channel 1 shares an
interrupt line with timer 1 (IMR/IFR bit 7). The interrupt source for DMA channel 0 is shared with a reserved
interrupt source. When the UC5405 is reset, the interrupts from these four DMA channels are deselected. The
INTSEL bit field in the DMA channel priority and enable control (DMPREC) register can be used to select these
interrupts, as shown in Table 3−8.
Table 3−8. DMA Channel Interrupt Selection
INTSEL Value
IMR/IFR[6]
IMR/IFR[7]
IMR/IFR[10]
IMR/IFR[11]
00b (reset)
Reserved
TINT1
BRINT1
BXINT1
01b
Reserved
TINT1
DMAC2
DMAC3
10b
DMAC0
DMAC1
DMAC2
DMAC3
11b
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com