Electronic Components Datasheet Search
  English  ▼

X  

TMS320UC5405 Datasheet(PDF) 14 Page - Texas Instruments

Part # TMS320UC5405
Description  Fixed-Point Digital Signal Processor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320UC5405 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMS320UC5405 Datasheet HTML 10Page - Texas Instruments TMS320UC5405 Datasheet HTML 11Page - Texas Instruments TMS320UC5405 Datasheet HTML 12Page - Texas Instruments TMS320UC5405 Datasheet HTML 13Page - Texas Instruments TMS320UC5405 Datasheet HTML 14Page - Texas Instruments TMS320UC5405 Datasheet HTML 15Page - Texas Instruments TMS320UC5405 Datasheet HTML 16Page - Texas Instruments TMS320UC5405 Datasheet HTML 17Page - Texas Instruments TMS320UC5405 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 77 page
background image
Introduction
14
October 2002 − Revised October 2004
SPRS199B
Table 2−1. Terminal Assignments (143-Terminal GQW and ZQW Packages)†
BGA BALL #
SIGNAL
NAME
BGA BALL #
SIGNAL
NAME
BGA BALL #
SIGNAL
NAME
BGA BALL #
SIGNAL
NAME
A1
VSS
D1
BDR1
G1
DVDD
K1
INT1
A2
VSS
D2
BFSR1
G2
VSS
K2
INT0
A3
MP/MC
D3
BFSR0
G3
HRDY
K3
INT3
A4
HOLDA
D4
NC
G4
NC
K4
EMU0
A5
IOSTRB
D5
NC
G5
NC
K5
TDI
A6
IS
D6
NC
G6
NC
K6
TMS
A7
READY
D7
NC
G7
NC
K7
CVDD
A8
CVDD
D8
NC
G8
NC
K8
X1
A9
VSS
D9
NC
G9
NC
K9
D0
A10
HD7
D10
A1
G10
D14
K10
D3
A11
VSS
D11
DVDD
G11
HD4
K11
DVDD
A12
CVDD
D12
A0
G12
D13
K12
D6
B1
BCLKR1
E1
VSS
H1
BDX0
L1
CVDD
B2
HCNTL0
E2
BCLKX1
H2
HD0
L2
HD1
B3
BIO
E3
HINT/TOUT1
H3
BDX1
L3
CLKMD2
B4
XF
E4
HCNTL1
H4
INT2
L4
HD2
B5
MSTRB
E5
NC
H5
NC
L5
EMU1/OFF
B6
DS
E6
NC
H6
NC
L6
TRST
B7
HR/W
E7
NC
H7
NC
L7
VSS
B8
NC
E8
NC
H8
NC
L8
CLKOUT
B9
HAS
E9
NC
H9
NC
L9
X2/CLKIN‡
B10
DVDD
E10
HDS2
H10
D12
L10
D1
B11
A5
E11
HDS1
H11
D10
L11
D5
B12
A4
E12
VSS
H12
D11
L12
VSS
C1
BDR0
F1
BFSX0
J1
HBIL
M1
VSS
C2
BCLKR0
F2
CVDD
J2
IACK
M2
VSS
C3
DVDD
F3
BFSX1
J3
NMI
M3
CLKMD3
C4
HOLD
F4
BCLKX0
J4
DVDD
M4
TOUT0
C5
NC
F5
NC
J5
CLKMD1
M5
TDO
C6
R/W
F6
NC
J6
NC
M6
TCK
C7
PS
F7
NC
J7
NC
M7
HPIENA
C8
HCS
F8
NC
J8
NC
M8
HD3
C9
NC
F9
NC
J9
NC
M9
RS
C10
HD6
F10
D15
J10
D9
M10
D2
C11
A2
F11
CVDD
J11
D7
M11
D4
C12
A3
F12
HD5
J12
D8
M12
VSS
† DVDD is the power supply for the I/O pins while CVDD is the power supply for the core CPU. VSS is the ground for both the I/O pins and the core
CPU.
‡ If an external clock source is used, the CLKIN signal level should not exceed CVDD + 0.3 V.
NOTE: NC = No connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com